| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29DL800BB90FEB bảng dữ liệu(PDF) 39 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL800BB90FEB bảng dữ liệu(HTML) 39 Page - Advanced Micro Devices |
|
39 / 43 page ![]() Am29DL800B 39 P R E L I M I NARY ERASE AND PROGRAMMING PERFORMANCE Notes: 1. Typical program and erase times assume the following conditions: 25 °C, 3.0 V V CC, 1,000,000 cycles. Additionally, programming typicals assume checkerboard pattern. 2. Under worst case conditions of 90°C, VCC = 2.7 V, 1,000,000 cycles. 3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes program faster than the maximum program times listed. 4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure. 5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See Table 5 for further information on command definitions. 6. The device has a guaranteed minimum erase and program cycle endurance of 1,000,000 cycles. LATCHUP CHARACTERISTICS Includes all pins except VCC. Test conditions: VCC = 3.0 V, one pin at a time. TSOP AND SO PIN CAPACITANCE Notes: 1. Sampled, not 100% tested. 2. Test conditions TA = 25°C, f = 1.0 MHz. DATA RETENTION Parameter Typ (Note 1) Max (Note 2) Unit Comments Sector Erase Time 0.7 15 sec Excludes 00h programming prior to erasure (Note 4) Chip Erase Time 14 sec Byte Program Time 9 300 µs Excludes system level overhead (Note 5) Word Program Time 11 360 µs Chip Program Time (Note 3) Byte Mode 9 27 sec Word Mode 5.8 17 Min Max Input voltage with respect to VSS on all pins except I/O pins (including A9, OE#, and RESET#) –1.0 V 12.5 V Input voltage with respect to VSS on all I/O pins –1.0 V VCC + 1.0 V VCC Current –100 mA +100 mA Parameter Symbol Parameter Description Test Setup Typ Max Unit CIN Input Capacitance VIN = 0 6 7.5 pF COUT Output Capacitance VOUT = 0 8.5 12 pF CIN2 Control Pin Capacitance VIN = 0 7.5 9 pF Parameter Description Test Conditions Min Unit Minimum Pattern Data Retention Time 150°C 10 Years 125°C 20 Years |