| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CRL1206-FW-R090ELF bảng dữ liệu(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
CRL1206-FW-R090ELF bảng dữ liệu(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 3 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. CRL Series - Low Value Chip Resistors Chip Dimensions Dimension Model Model Model Model Model CRL0603 CRL0805 CRL1206 CRL2010 CRL2512 L 1.60 ± 0.10 2.00 ± 0.15 3.20 ± 0.15 5.00 ± 0.20 6.30 ± 0.20 (0.063 ± 0.004) (0.079 ± 0.006) (0.126 ± 0.006) (0.197 ± 0.008) (0.248 ± 0.008) W 0.80 ± 0.10 1.25 ± 0.10 1.60 ± 0.15 2.50 ± 0.20 3.10 ± 0.20 (0.031 ± 0.004) (0.049 ± 0.004) (0.063 ± 0.006) (0.098 ± 0.008) (0.122 ± 0.008) H 0.45 ± 0.10 0.50 ± 0.10 0.60 ± 0.10 0.60 ± 0.10 0.60 ± 0.10 (0.018 ± 0.004) (0.020 ± 0.004) (0.024 ± 0.004) (0.024 ± 0.004) (0.024 ± 0.004) I1 0.30 ± 0.20 0.40 ± 0.20 0.50 ± 0.25 0.60 ± 0.25 0.60 ± 0.25 (0.012 ± 0.008) (0.016 ± 0.008) (0.020 ± 0.010) (0.024 ± 0.010) (0.024 ± 0.010) I2 0.30 ± 0.20 0.40 ± 0.20 0.50 ± 0.25 0.60 ± 0.25 0.60 ± 0.20 (0.012 ± 0.008) (0.016 ± 0.008) (0.020 ± 0.010) (0.024 ± 0.010) (0.024 ± 0.008) Dimensional Drawing L H I 2 I 2 W I 1 I 1 DIMENSIONS: MM (INCHES) Derating Curve 100 80 60 40 20 0 -55 0 70 125 (°C) Ambient temperature How to Order CRL 0603 - F W - R090 E LF Model (CRL = Chip Resistor Low Value) Size • 0603 • 0805 • 1206 • 2010 • 2512 Resistance Tolerance F = ±1 % J = ±5 % TCR (PPM/°C) W = ±200 (0.05 to 9.10 Ω) V = ±400 (0.03 to 0.04 Ω) U = ±600 (0.01 Ω to 0.02 Ω) Resistance Value (1 % or 5 %) • R stands for decimal point. Three significant digits: (R090 = 0.09 Ω; 9R10 = 9.10 Ω) Packaging • CRL0603, CRL0805, CRL1206: E = Paper Tape, Plastic Reel, 5,000 pcs. • CRL2010, CRL2512: E = Embossed Plastic Tape, Plastic Reel, 4,000 pcs. Termination LF = Tin-plated (RoHS compliant) |