công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM188ES-33KC/W bảng dữ liệu(PDF) 62 Page - Advanced Micro Devices

tên linh kiện AM188ES-33KC/W
Giải thích chi tiết về linh kiện  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188ES-33KC/W bảng dữ liệu(HTML) 62 Page - Advanced Micro Devices

Back Button AM188ES-33KC/W Datasheet HTML 58Page - Advanced Micro Devices AM188ES-33KC/W Datasheet HTML 59Page - Advanced Micro Devices AM188ES-33KC/W Datasheet HTML 60Page - Advanced Micro Devices AM188ES-33KC/W Datasheet HTML 61Page - Advanced Micro Devices AM188ES-33KC/W Datasheet HTML 62Page - Advanced Micro Devices AM188ES-33KC/W Datasheet HTML 63Page - Advanced Micro Devices AM188ES-33KC/W Datasheet HTML 64Page - Advanced Micro Devices AM188ES-33KC/W Datasheet HTML 65Page - Advanced Micro Devices AM188ES-33KC/W Datasheet HTML 66Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 102 page
background image
62
Am186/188ES and Am186/188ESLV Microcontrollers
PRELIMIN ARY
Alphabetical Key to Switching Parameter Symbols
Parameter Symbol
No.
Description
tARYCH
49
ARDY Resolution Transition Setup Time
tARYCHL
51
ARDY Inactive Holding Time
tARYHDSH
95
ARDY High to DS High
tARYHDV
89
ARDY Assert to Data Valid
tARYLCL
52
ARDY Setup Time
tARYLDSH
96
ARDY Low to DS High
tAVBL
87
A Address Valid to WHB, WLB Low
tAVCH
14
AD Address Valid to Clock High
tAVLL
12
AD Address Valid to ALE Low
tAVRL
66
A Address Valid to RD Low
tAVWL
65
A Address Valid to WR Low
tAZRL
24
AD Address Float to RD Active
tCH1CH2
45
CLKOUTA Rise Time
tCHAV
68
CLKOUTA High to A Address Valid
tCHCK
38
X1 High Time
tCHCL
44
CLKOUTA High Time
tCHCSV
67
CLKOUTA High to LCS/UCS Valid
tCHCSX
18
MCS/PCS Inactive Delay
tCHCTV
22
Control Active Delay 2
tCHCV
64
Command Lines Valid Delay (after Float)
tCHCZ
63
Command Lines Float Delay
tCHDX
8
Status Hold Time
tCHLH
9
ALE Active Delay
tCHLL
11
ALE Inactive Delay
tCHRFD
79
CLKOUTA High to RFSH Valid
tCHSV
3
Status Active Delay
tCICOA
69
X1 to CLKOUTA Skew
tCICOB
70
X1 to CLKOUTB Skew
tCKHL
39
X1 Fall Time
tCKIN
36
X1 Period
tCKLH
40
X1 Rise Time
tCL2CL1
46
CLKOUTA Fall Time
tCLARX
50
ARDY Active Hold Time
tCLAV
5
AD Address Valid Delay
tCLAX
6
Address Hold
tCLAZ
15
AD Address Float Delay
tCLCH
43
CLKOUTA Low Time
tCLCK
37
X1 Low Time
tCLCL
42
CLKOUTA Period
tCLCLX
80
LCS Inactive Delay
tCLCSL
81
LCS Active Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More