| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC1223 bảng dữ liệu(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1223 bảng dữ liệu(HTML) 8 Page - Microchip Technology |
|
8 / 14 page ![]() TC1223/TC1224 DS21368B-page 8 © 2002 Microchip Technology Inc. 5.0 TYPICAL CHARACTERISTICS (CONTINUED) VOUT VSHDN Measure Rise Time of 3.3V LDO Conditions: CIN = 1µF, COUT = 1µF, ILOAD = 100mA, VIN = 4.3V, Temp = 25 °C, Fall Time = 184µS VSHDN Measure Rise Time of 5.0V LDO Conditions: CIN = 1µF, COUT = 1µF, ILOAD = 100mA, VIN = 6V, Temp = 25 °C, Fall Time = 192µS VOUT Thermal Shutdown Response of 5.0V LDO Conditions: VIN = 6V, CIN = 0µF, COUT = 1µF ILOAD was increased until temperature of die reached about 160°C, at which time integrated thermal protection circuitry shuts the regulator off when die temperature exceeds approximately 160 °C. The regulator remains off until die temperature drops to approximately 150 °C. VOUT Measure Fall Time of 3.3V LDO Conditions: CIN = 1µF, COUT = 1µF, ILOAD = 100mA, VIN = 4.3V, Temp = 25 °C, Fall Time = 52µS VOUT VSHDN Measure Fall Time of 5.0V LDO Conditions: CIN = 1µF, COUT = 1µF, ILOAD = 100mA, VIN = 6V, Temp = 25 °C, Fall Time = 88µS VOUT VSHDN |