| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL026CD bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL026CD bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 18 page ![]() TL026C DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC SLFS007A – JUNE 1985 – REVISED JULY 1990 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range, VCC± = ±6 V, VAGC = 0, REF OUT pin open (unless otherwise specified) PARAMETER FIGURE TEST CONDITIONS MIN TYP MAX UNIT AVD Large-signal differential voltage amplification 1 VO(PP) = 3 V, RL = 2 kΩ 55 115 V/V IIO Input offset current 6 µA IIB Input bias current 40 µA VICR Common-mode input voltage range 3 ±1 V VOO Output offset voltage 1 VID = 0, RL = ∞ 1.5 V VO(PP) Maximum peak-to-peak output voltage swing 1 RL = 2 kΩ 2.8 V ri Input resistance at AGC, IN+, or IN – 8 k Ω CMRR Common-mode rejection ratio 3 VIC = ±1 V, f = 100 kHz 50 dB kSVR Supply voltage rejection ratio ( ∆VCC / ∆VIO) 4 ∆VCC + = ± 0.5 V, ∆VCC – = ± 0.5 V 50 dB Isink(max) Maximum output sink current VID = 1 V, VO = 3 V 2.8 4 mA ICC Supply current 1 No load, No signal 30 mA PARAMETER MEASUREMENT INFORMATION IN + IN – AGC OUT + OUT – REF OUT RL 50 Ω 50 Ω V OC + V O ) ) VO * 2 + – VAGC Vref VID VOD Figure 1. Test Circuit 1 k Ω 1 k Ω VO + VO – 50 Ω 50 Ω + – VID 0.2 µF 0.2 µF Figure 2. Test Circuit 1 k Ω 1 k Ω VO + VO – 50 Ω 50 Ω + – 0.2 µF 0.2 µF VIC Figure 3. Test Circuit RL = 2 kΩ + – VOD Figure 4. Test Circuit |