công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29F400AT-65FIB bảng dữ liệu(PDF) 27 Page - Advanced Micro Devices

tên linh kiện AM29F400AT-65FIB
Giải thích chi tiết về linh kiện  4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400AT-65FIB bảng dữ liệu(HTML) 27 Page - Advanced Micro Devices

Back Button AM29F400AT-65FIB Datasheet HTML 23Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 24Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 25Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 26Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 27Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 28Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 29Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 30Page - Advanced Micro Devices AM29F400AT-65FIB Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Am29F400AT/Am29F400AB
27
PRELIMINARY
SWITCHING WAVEFORMS
Notes:
1. PA is address of the memory location to be programmed.
2. PD is data to be programmed at byte address.
3. DQ7 is the output of the complement of the data written to the device.
4. DOUT is the output of the data written to the device.
5. Figure indicates last two bus cycles of four bus cycle sequence.
6. These waveforms are for the x16 mode.
Figure 9.
Program Operation Timings
Notes:
1. SA is the sector address for Sector Erase. Addresses = don’t care for Chip Erase.
2. These waveforms are for the x16 mode.
Figure 10.
AC Waveforms Chip/Sector Erase Operations
DOUT
PD
tAH
Data Polling
tDF
tOH
tOE
tDS
tCS
tWPH
tDH
tWP
tGHWL
Addresses
CE
OE
WE
Data
5.0 V
DQ7
5555H
PA
A0H
PA
3rd Bus Cycle
20380B-16
tWC
tRC
tAS
tWHWH1
tCE
tAS
tWP
tCS
tDH
5555H
2AAAH
SA
CE
OE
WE
Data
VCC
AAH
55H
Addresses
2AAAH
tVCS
tDS
5555H
5555H
tWPH
tGHWL
tAH
AAH
55H
80H
10H/30H
20380B-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com