| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BAT54SWFILM bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BAT54SWFILM bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 13 page ![]() Ordering information BAT54 12/13 Doc ID 5505 Rev 10 4 Ordering information 5 Revision history Table 12. Ordering information Order code Marking Package Weight Base qty Delivery mode BAT54FILM D86 SOT-23 Single 10 mg 3000 Tape and reel BAT54SFILM D88 SOT-23 Serial 10 mg 3000 Tape and reel BAT54CFILM D87 SOT-23 Common cathode 10 mg 3000 Tape and reel BAT54AFILM D84 SOT-23 Common anode 10 mg 3000 Tape and reel BAT54WFILM D73 SOT-323 Single 6 mg 3000 Tape and reel BAT54SWFILM D78 SOT-323 Serial 6 mg 3000 Tape and reel BAT54CWFILM D77 SOT-323 Common cathode 6 mg 3000 Tape and reel BAT54AWFILM D74 SOT-323 Common anode 6 mg 3000 Tape and reel BAT54JFILM 86 SOD-323 5 mg 3000 Tape and reel BAT54JFILM-H 86 SOD-323 ECOPACK ®2 halogen-free 5 mg 3000 Tape and reel BAT54KFILM 86 SOD-523 1.4 mg 3000 Tape and reel BAT54-07P6FILM P4 SOT-666 Parallel 2.9 mg 3000 Tape and reel BAT54-09P6FILM Q4 SOT-666 Opposite 2.9 mg 3000 Tape and reel BAT54ZFILM D72 SOD-123 10 mg 3000 Tape and reel Table 13. Document revision history Date Revision Changes Jun-1999 8 Last update. 24-Jul-2006 9 BAT54, A, C, S and BAT54J / W / AW / CW /SW datasheets merged. ECOPACK statement added. SOD-123, SOD-523 and SOT-666 packages added. 13-Oct-2009 10 Updated Table 8 quote “L1” from 0.10 to 0.05. |