| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W29GL032CL7B bảng dữ liệu(PDF) 7 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
W29GL032CL7B bảng dữ liệu(HTML) 7 Page - Winbond |
|
7 / 68 page ![]() W29GL032C Publication Release Date: August 2, 2013 1 Revision H 1 GENERAL DESCRIPTION The W29GL032C Parallel Flash memory provides a storage solution for embedded system applications that require better performance, lower power consumption and higher density. This device has a random access speed of 70ns and a fast page access speed of 25ns, as well as significantly faster program and erase times than the products comparable on the market today. The W29GL032C also offers special features such as Compatible Manufacturer ID that makes the device industry standard compatible without the need to change firmware. 2 FEATURES • 32k-Word/64k-Byte uniform sector architecture – Total 64 uniform sectors – Total 63 uniform sectors + eight 4k- Word/8k-Byte sectors • 16-Word/32-Byte write buffer – Reduces total program time for multiple-word updates • 8-Word/16-Byte page read buffer • Secured Silicon Sector area – Programmed and locked by the customer or during production. – 128-word/256-byte sector for permanent, safe identification using an 8-word/16-byte random electronic serial number. • Enhanced Sector Protect using Dynamic and Individual mechanisms • Polling/Toggling methods are used to detect the status of program and erase operation • Suspend and resume commands used for program and erase operations • More than 100,000 erase/program cycles • More than 20-year data retention • Low power consumption • Deep power down mode • Wide temperature ranges • Compatible manufacturer ID for drop-in replacement – No firmware change is required • Faster Erase and Program time – Erase is 1.5x faster than industry standard – Program is 2x faster than industry standard – Allows for improved production throughput and faster field updates • CFI (Common Flash Interface) support • Single 3V Read/Program/Erase (2.7 - 3.6V) • Enhanced Variable IO control – All input levels (address, control, and DQ) and output levels are determined by voltage on the EVIO input. EVIO ranges from 1.65 to VCC • #WP/ACC Input – Accelerates programming time (when VHH is applied) for greater throughput during system production – Protects first or last sector regardless of sector protection settings • Hardware reset input (#reset) resets device • Ready/#Busy output (RY/#BY) detects completion of program or erase cycle • Packages – Uniform Sector (H/L) 56-pin TSOP 64-ball LFBGA – Boot Sector (T/B) 48-pin TSOP 48-ball TFBGA 64-ball LFBGA |