| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W25Q80BVCIP bảng dữ liệu(PDF) 72 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
W25Q80BVCIP bảng dữ liệu(HTML) 72 Page - Winbond |
|
72 / 74 page ![]() W25Q128BV - 72 - 10.1 Valid Part Numbers and Top Side Marking The following table provides the valid part numbers for the W25Q128BV SpiFlash Memory. Please contact Winbond for specific availability by density and package type. Winbond SpiFlash memories use a 12-digit Product Number for ordering. However, due to limited space, the Top Side Marking on all packages use an abbreviated 10-digit number. Part Numbers for Industrial Grade Temperature: PACKAGE TYPE DENSITY PRODUCT NUMBER TOP SIDE MARKING F SOIC-16 300mil 128M-bit W25Q128BVFIG W25Q128BVFIP 25Q128BVFG 25Q128BVFP E WSON-8 8x6mm 128M-bit W25Q128BVEIG W25Q128BVEIP 25Q128BVEG 25Q128BVEP B (1) TFBGA-24 8x6mm 5x5-1 ball array 128M-bit W25Q128BVBIG W25Q128BVBIP 25Q128BVBG 25Q128BVBP C (1) TFBGA-24 8x6mm 6x4 ball array 128M-bit W25Q128BVCIG W25Q128BVCIP 25Q128BVCG 25Q128BVCP Note: These Package types are Special Order only, please contact Winbond for more information. |