| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7D511K bảng dữ liệu(PDF) 17 Page - World Produts Inc. |
|
|
|||||||||||||||||||||||||||||
7D511K bảng dữ liệu(HTML) 17 Page - World Produts Inc. |
|
17 / 65 page ![]() Metal Oxide VaristOrs WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com Rev. 9.9 Metal Oxide Varistors | 15 Standard Dimensions and Lead Modification Options (continued) E Max Dimensions (For Phenolic Coating) Dimensions are in mm (inches) 10D Series Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) B P B P 10D180K 4 .3 ( .17) 5 .5 ( .216) 1 .4 ( .055) **10D301K 5 .2 ( .2) 6 .1 ( .24) 2 .5 ( .1) 10D220K 4 .5 ( .177) 5 .7 ( .22) 1 .5 ( .06) **10D331K 5 .3 ( .21) 6 .3 ( .25) 2 .5 ( .1) 10D270K 4 .7 ( .185) 5 .9 ( .23) 1 .6 ( .063) **10D361K 5 .4 ( .21) 6 .4 ( .25) 2 .7 ( .1) 10D330K 4 .8 ( .19) 6 .0 ( .236) 1 .8 ( .07) **10D391K 5 .5 ( .216) 6 .5 ( .256) 2 .9 ( .11) 10D390K 4 .9 ( .19) 6 .1 ( .24) 1 .6 ( .063) **10D431K 5 .6 ( .22) 6 .7 ( .26) 3 .1 ( .12) 10D470K 4 .8 ( .19) 6 .1 ( .24) 1 .7 ( .067) **10D471K 5 .6 ( .22) 6 .8 ( .267) 3 .6 ( .14) 10D560K 4 .9 ( .19) 6 .1 ( .24) 1 .8 ( .07) **10D511K 5 .9 ( .23) 7 .1 ( .28) *3 .4 ( .13) 10D680K 5 .1 ( .2) 6 .5 ( .256) 2 .1 ( .083) **10D561K 6 .0 ( .236) 7 .2 ( .28) *3 .5 ( .138) **10D820K 4 .4 ( .17) 5 .8 ( .23) 1 .4 ( .055) **10D621K 6 .3 ( .25) 7 .5 ( .295) *4 .2 ( .165) **10D101K 4 .3 ( .17) 5 .7 ( .22) 1 .4 ( .055) **10D681K 6 .6 ( .26) 7 .8 ( .307) *4 .6 ( .18) **10D121K 4 .4 ( .17) 5 .8 ( .23) 1 .5 ( .06) **10D751K 6 .8 ( .267) 8 .0 ( .315) *5 .0 ( .197) **10D151K 4 .5 ( .177) 5 .9 ( .23) 1 .5 ( .06) **10D781K 7 .1 ( .28) 8 .1 ( .32) *5 .0 ( .197) **10D181K 4 .7 ( .185) 6 .1 ( .24) 1 .6 ( .063) **10D821K 7 .4 ( .29) 8 .4 ( .33) *5 .4 ( .2) **10D201K 4 .7 ( .185) 6 .1 ( .24) 1 .8 ( .07) 10D911K 7 .8 ( .307) 8 .8 ( .346) *5 .9 ( .23) **10D221K 4 .8 ( .19) 5 .8 ( .23) 1 .8 ( .07) 10D102K 8 .2 ( .32) 9 .2 ( .36) *6 .4 ( .25) **10D241K 5 .0 ( .196) 5 .9 ( .23) 2 .0 ( .08) 10D112K 8 .5 ( .335) 9 .5 ( .37) *7 .0 ( .275) **10D271K 5 .1 ( .2) 6 .0 ( .236) 2 .2 ( .087) 14D Series Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) B P B P 14D180K 4 .4 ( .17) 5 .6 ( .22) 1 .4 ( .055) **14D301K 5 .2 ( .2) 6 .1 ( .24) 2 .6 ( .1) 14D220K 4 .6 ( .18) 5 .8 ( .23) 1 .5 ( .06) **14D331K 5 .3 ( .21) 6 .3 ( .25) 2 .6 ( .1) 14D270K 4 .8 ( .19) 6 .0 ( .236) 1 .7 ( .067) **14D361K 5 .4 ( .21) 6 .4 ( .25) 2 .8 ( .11) 14D330K 5 .0 ( .196) 6 .2 ( .24) 1 .9 ( .075) **14D391K 5 .5 ( .216) 6 .5 ( .256) 3 .0 ( .12) 14D390K 4 .7 ( .185) 5 .9 ( .23) 1 .7 ( .067) **14D431K 5 .6 ( .22) 6 .7 ( .26) 3 .2 ( .126) 14D470K 4 .8 ( .19) 6 .2 ( .24) 1 .8 ( .07) **14D471K 5 .7 ( .22) 6 .9 ( .27) 3 .8 ( .15) 14D560K 5 .0 ( .196) 6 .2 ( .24) 2 .0 ( .08) **14D511K 5 .9 ( .23) 7 .1 ( .28) *3 .4 ( .13) 14D680K 5 .2 ( .2) 6 .6 ( .26) 2 .2 ( .087) **14D561K 6 .2 ( .24) 7 .4 ( .29) *3 .5 ( .138) **14D820K 4 .4 ( .17) 5 .8 ( .23) 1 .4 ( .055) **14D621K 6 .4 ( .25) 7 .6 ( .3) *4 .2 ( .165) **14D101K 4 .4 ( .17) 5 .8 ( .23) 1 .5 ( .06) **14D681K 6 .6 ( .26) 7 .8 ( .307) *4 .7 ( .185) **14D121K 4 .5 ( .177) 5 .9 ( .23) 1 .5 ( .06) **14D751K 6 .9 ( .27) 8 .1 ( .32) *5 .1 ( .2) **14D151K 4 .5 ( .177) 5 .9 ( .23) 1 .5 ( .06) **14D781K 7 .3 ( .287) 8 .2 ( .32) *5 .1 ( .2) **14D181K 4 .7 ( .185) 6 .1 ( .24) 1 .7 ( .067) **14D821K 7 .5 ( .3) 8 .5 ( .335) *5 .5 ( .22) **14D201K 4 .7 ( .185) 6 .1 ( .24) 1 .9 ( .075) 14D911K 7 .9 ( .31) 8 .9 ( .35) *6 .0 ( .24) **14D221K 4 .8 ( .19) 5 .8 ( .23) 1 .9 ( .075) 14D102K 8 .2 ( .32) 9 .2 ( .36) *6 .5 ( .255) **14D241K 5 .0 ( .196) 5 .9 ( .23) 2 .1 ( .083) 14D112K 8 .7 ( .34) 9 .7 ( .38) *7 .2 ( .28) **14D271K 5 .1 ( .2) 6 .0 ( .236) 2 .2 ( .087) * Bulk parts for 320VAC and larger come standard with inline crimp (as referenced at beginning of “Standard Dimensions and Lead Modification Options” section ) for straight disk seating on PC boards . Therefore, “a” dimension is not applicable . If 320VAC and larger size are required without in-line crimp, please reference “Part Number System” position # (8) and add “N” and reference “a” dimensions (for off-set) above . ** These dimensions also apply to “E” Series (High Energy) parts . For suffix “V” (Extremely High Energy Type) add 0 .1 (0 .004) to “E Max .” E max a |