công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KBPC35005 bảng dữ liệu(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

tên linh kiện KBPC35005
Giải thích chi tiết về linh kiện  SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Trang chủ  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

KBPC35005 bảng dữ liệu(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  KBPC35005 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD KBPC35005 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
FEATURES
Low cost
This series is UL recognized under component
index, file number E127707
High forward surge current capability
Integrally molded heatsink provide
very low thermal resistance.
High isolation voltage from case to lugs.
High temperature soldering guaranteed:
260
/10 second, at 5 lbs. (2.3kg) tension.
MECHANICAL DATA
Case: Metal case
 Terminal: Plated 0.25" (6.35mm) lug.
Polarity: Polarity symbols marked on case.
Mounting: Thru hole for #10 screw, 20 in,- lbs. Torqute Max.
Weight: 1.02 ounce, 29gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%
KBPC
KBPC KBPC KBPC KBPC KBPC KBPC
35005
3501
3502
3504
3506
3508
3510
MB3505 MB351 MB352 MB354 MB356 MB358 MB3510
VRRM






 Volts
Maximum RMS Voltage
VRMS







Volts
Maximum DC Blocking Voltage
VDC






 Volts
Maximum Average Forward Rectified Output
Current, at TC = 50
 (Note 1,2)
Peak Forward Surge Current
8.3ms single half sine - wave superimposed on
rated load (JEDEC method )
Rating for Fusing (t<8.3ms)
I
2tA2s
per bridge element at 17.5A
Maximum DC Reverse Current at rated TA = 25

A
DC blocking voltage per element
TA
mA
Isolation Voltage from case to lugs.
VISO
VAC
Typical Thermal Resistance (Note 1,2)
R
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
1. Unit mounted on 9" X 3.5" X 4.6" (23cm X 9cm X 11.8cm)Al. finned Plate.
2. Bolt down on heat-sink with silicon thermal compound between bridge and mounting sutfae for maximum heat
transfer efficiency with # 10 screw.
Maximum Instantaneous Forward Voltage Drop



I(AV)
2.0
(-65 to +150)
(-65 to +150)

Amps
VF
IR
Volts



IFSM
SINGLE-PHASE BRIDGE RECTIFIER
Amps
SYMBOLS
UNIT

Maximum Repetitive Peak Reverse Voltage
KPC35005-3510
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Số phần tương tự - KBPC35005

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wing Shing Computer Com...
KBPC35005 WINGS-KBPC35005 Datasheet
399Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 35 Amperes)
logo
Semtech Corporation
KBPC35005 SEMTECH-KBPC35005 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC35005 SSE-KBPC35005 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC35005 DCCOM-KBPC35005 Datasheet
560Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Mô tả tương tự - KBPC35005

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com