| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AMD-K6 bảng dữ liệu(PDF) 87 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMD-K6 bảng dữ liệu(HTML) 87 Page - Advanced Micro Devices |
|
87 / 346 page ![]() Chapter 3 Software Environment 69 20695H/0—March 1998 AMD-K6® Processor Data Sheet Preliminary Information FDIV ST(i), ST(0) (single precision) DCh 11-111-xxx short float * FDIV ST(i), ST(0) (double precision) DCh 11-111-xxx short float * FDIV ST(i), ST(0) (extended precision) DCh 11-111-xxx short float * FDIV ST(0), mem32real D8h mm-110-xxx short fload, float FDIV ST(0), mem64real DCh mm-110-xxx short fload, float FDIVP ST(0), ST(i) DEh 11-111-xxx short float * FDIVR ST(0), ST(i) D8h 11-110-xxx short float * FDIVR ST(I), ST(0) DCh 11-111-xxx short float * FDIVR ST(0), mem32real D8h mm-111-xxx short fload, float FDIVR ST(0), mem64real DCh mm-111-xxx short fload, float FDIVRP ST(i), ST(0) DEh 11-110-xxx short float * FFREE ST(I) DDh 11-000-xxx short float * FIADD ST(0), mem32int DAh mm-000-xxx short fload, float FIADD ST(0), mem16int DEh mm-000-xxx short fload, float FICOM ST(0), mem32int DAh mm-010-xxx short fload, float FICOM ST(0), mem16int DEh mm-010-xxx short fload, float FICOMP ST(0), mem32int DAh mm-011-xxx short fload, float FICOMP ST(0), mem16int DEh mm-011-xxx short fload, float FIDIV ST(0), mem32int DAh mm-110-xxx short fload, float FIDIV ST(0), mem16int DEh mm-110-xxx short fload, float FIDIVR ST(0), mem32int DAh mm-111-xxx short fload, float FIDIVR ST(0), mem16int DEh mm-111-xxx short fload, float FILD mem16int DFh mm-000-xxx short fload, float FILD mem32int DBh mm-000-xxx short fload, float FILD mem64int DFh mm-101-xxx short fload, float FIMUL ST(0), mem32int DAh mm-001-xxx short fload, float FIMUL ST(0), mem16int DEh mm-001-xxx short fload, float FINCSTP D9h F7h short float FINIT DBh E3h vector FIST mem16int DFh mm-010-xxx short fload, float FIST mem32int DBh mm-010-xxx short fload, float Table 11. Floating-Point Instructions (continued) Instruction Mnemonic First Byte Second Byte ModR/M Byte Decode Type RISC86® Opcodes Note Note: * The last three bits of the modR/M byte select the stack entry ST(i). |