| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AFPS03510D bảng dữ liệu(PDF) 19 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
AFPS03510D bảng dữ liệu(HTML) 19 Page - Panasonic Semiconductor |
|
19 / 24 page ![]() Easy handling of formulas and arithmetic expressions. Using alliases names for PLC-independent access on the special data registers, e.g. RTC No. C-34 ST April 4, 2003 Data types supported: 10 of 26 No. C-35 04.04.2003 DS: 10 of 26 19 Control FPWIN Pro PLC programming software conforming to IEC 61131-3 The most important highlights at a glance: One software for all FP-series PLCs. 5 programming languages (instruction list, ladder diagram, function block diagram, sequential function chart, structured text) available for all PLCs. Program organisation units, task and project management provide clear structure. Reuse of ready-made functions and function blocks saves time for programming and debugging. Online monitoring and diagnostics. Forcing – turning off input and output contacts via the PC. Modem communication for remote programming, service and diagnostics. Extensive comments – online documentation created hand in hand with the program. 6 languages are supported: English, German, French, Italian, Spanish and Japanese. Input and output variables are defined once in the global variable list. Functions can be saved in libraries for future reuse. Navigator with tree representation of called functions provides an overview even for very complex projects. The SFC editor (Sequential Function Chart) allows you to easily visualize processes. Additional window for monitoring and forcing variables. Structuring with selection statements. Using loops for running through incoming data… …or arrays. …or for generating formatted output strings. Using STRING functions for analyzing incoming data… The ST editor (Structured Text) solves complex programming tasks. Special functions for controlling the SFC program from another program. Long variable names make the program self-explanatory. Temporary variables are allocated and released automatically by the compiler. One instruction for different data types (overloaded instructions). Comfortable programming in the graphical LD editor (ladder diagram). FPWIN Pro is the Panasonic programming software developed according to the international standard IEC 61131-3 (for Windows 98, NT V4.0, 2000, ME or XP). This new version is a result of experience gained over many years. We were one of the first PLC manufacturers to offer an IEC 61131-3 programming software, and we are a leading member of the international organisation PLCopen. Multiple address assigment is caught automatically by the compiler. Local variables are allocated automatically by the compiler. Type safe programming using simple or complex data types. Free demonstration disc Part numbers: FPWINPROF: Full version supports all FP-series PLCs FPWINPROS: Small version, supports FP-e, FP0, FP-X and FP S (Sigma) 09/2008 |