| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM85C30 bảng dữ liệu(PDF) 184 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM85C30 bảng dữ liệu(HTML) 184 Page - Advanced Micro Devices |
|
184 / 194 page ![]() SCC Application Notes AMD 7–35 /*THIS ROUTINE LOADS THE FILE FROM DISK TO BUFFER MEMORY*/ opnfile() { char var_nam, name[16],*ptrr; extern char *alloc( ); unsigned int fd, endpos, begpos, count, numd; unsigned int; int num_read, i, numr; printf(“Enter name of file to be transferred: “); var_nam = scanf(“%s”, name); fd = fopen(name, “rb”); endpos = fseek(fd,OL,2); /*looks for end of file*/ fclose(fd); fd = open(name, BREAD); /*opens the file as binary file*/ if(fd<0) { fputs(“file not opened”, stdout); return;} ptr = alloc(endpos+1); /*allocates memory space for file beginning at ptr*/ for(i=0;i<endpos;i++) *(ptr+i)=’\0’; ptrr = ptr; num = 0; num_read = 1; while(num_read!=0) { /*This reads the file from disk starting at location ptrr*/ num_read = read(fed,ptrr,endpos); num = num + num_read; /*calculates length of file*/ ptrr = ptrr + num_read: } ptr = ptr – 2; num = num + 2; *ptr = num; /*appends lower byte of length to beginning of file*/ ptr++; numd = num >> 0x08; *ptr = 0x02; /*address of receiving device is attached*/ adrr = 01; segread(&rv); data_segment = rv.sds; data_seg = data_segment << 4; addr = data_seg + (long int) ptr; /*absolute 20–bit address is calculated /*this is required by the DMA controller*/ /*num_read contains: if –1 error if 0 EOF if >0 number of characters put in buffer*/ close(fd); return; } /*THIS ROUTINE INITIALIZES THE 8530 FOR TRANSMIT*/ sccinit() { unsigned char array[arraysize]; /array to initialize SCC registers*/ unsigned int i+0; |