công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C982-8JC bảng dữ liệu(PDF) 12 Page - Advanced Micro Devices

tên linh kiện AM79C982-8JC
Giải thích chi tiết về linh kiện  basic Integrated Multiport Repeater (bIMR)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C982-8JC bảng dữ liệu(HTML) 12 Page - Advanced Micro Devices

Back Button AM79C982-8JC Datasheet HTML 8Page - Advanced Micro Devices AM79C982-8JC Datasheet HTML 9Page - Advanced Micro Devices AM79C982-8JC Datasheet HTML 10Page - Advanced Micro Devices AM79C982-8JC Datasheet HTML 11Page - Advanced Micro Devices AM79C982-8JC Datasheet HTML 12Page - Advanced Micro Devices AM79C982-8JC Datasheet HTML 13Page - Advanced Micro Devices AM79C982-8JC Datasheet HTML 14Page - Advanced Micro Devices AM79C982-8JC Datasheet HTML 15Page - Advanced Micro Devices AM79C982-8JC Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
AMD
PRELIMINARY
1–14
Am79C982
Expansion Port
The bIMR chip Expansion Port is comprised of five pins;
two are bi-directional signals (DAT and JAM), two are in-
put signals (
ACK and COL), and one is an output signal
(
REQ). These signals are used when a multiple-bIMR
device repeater application is employed. In this configu-
ration, all bIMR chips must be clocked synchronously
with a common clock connected to the X1 inputs of all
bIMR devices. Reset needs to be synchronized to
X1 clock.
The bIMR device expansion scheme allows the use of
multiple bIMR chips in a single board repeater or a
modular multiport repeater with a backplane architec-
ture. The DAT pin is a bidirectional I/O pin which can be
used to transfer data between the bIMR devices in a
multiple-bIMR chip design. The data sent over the DAT
line is in NRZ format and is synchronized to the common
clock. The JAM pin is another bidirectional I/O pin that is
used by the active bIMR chip to communicate its internal
status to the remaining (inactive) bIMR devices. When
JAM is asserted HIGH, it indicates that the active bIMR
device has detected a collision condition and is generat-
ing Jam Sequence. During this time when JAM is as-
serted HIGH, the DAT line is used to indicate whether
the active bIMR chip is detecting collision on one port
only or on more than one port. When DAT is driven
HIGH by the bIMR chip (while JAM is asserted by the
bIMR chip), then the active bIMR device is detecting a
collision condition on one port only. This ‘one-port-left’
signaling is necessary for a multiple-bIMR device re-
peater to function correctly as a single multiport repeater
unit. The bIMR chip also signals the ‘one port left’ colli-
sion condition in the event of a runt packet or collision
fragment; this signal will continue for one expansion port
bus cycle (100 ns) before deasserting
REQ.
The arbitration for access to the bussed bi-directional
signals (DAT and JAM) is provided by one output (
REQ)
and two inputs (
ACK and COL). The bIMR chip asserts
the
REQ pin to indicate that it is active and wishes to
drive the DAT and JAM pins. An external arbiter senses
the
REQ lines from all the bIMR devices and asserts the
ACK line when one and only one bIMR chip is asserting
its
REQ line. If more than one bIMR chip is asserting its
REQ line, the arbiter must assert the COL signal, indi-
cating that more than one bIMR device is active. More
than one active bIMR device at a time constitutes a colli-
sion condition, and all bIMR devices are notified of this
occurence via the
COL line of the Expansion Port.
Note that a transition from multiple bIMR devices arbi-
trating for the DAT and JAM pins (with
COL asserted,
ACK deasserted) to a condition when only one bIMR
chip is arbitrating for the DAT and JAM pins (with
ACK
asserted,
COL deasserted) involves one expansion port
bus cycle (100 ns). During this transitional bus cycle,
COL is deasserted, ACK is asserted, and the DAT and
JAM pins are not driven. However, each bIMR device
will remain in the collision state (transmitting jam se-
quence) during this transitional bus cycle. In subse-
quent expansion port bus cycles (
REQ and ACK still
asserted), the bIMR devices will return to the ‘master
and slaves’ condition where only one bIMR device is ac-
tive (with collision) and is driving the DAT and JAM pins.
An understanding of this sequence is crucial if non-
bIMR devices (such as an Ethernet controller) are con-
nected to the expansion bus. Specifically, the last
device to back off of the Expansion Port after a multi-
bIMR chip collision must assert the JAM line until it too
drops its request for the Expansion Port.
External Arbiter
A simple arbitration scheme is required when multiple
bIMR devices are connected together to increase the to-
tal number of repeater ports. The arbiter should have
one input (
REQ1...REQn) for each of the n bIMR de-
vices to be used, and two global outputs (
COL and
ACK). This function is easily implemented in a PAL® de-
vice, with the following logic equations:
ACK =
REQ1 &
REQ2 & REQ3 & ....REQn
+
REQ1 & REQ2 & REQ3 & ....REQn
•
•
•
+
REQ1 & REQ2 & REQ3 & .... REQn
COL =
ACK & (REQ1 + REQ2 + REQ3 + ... REQn)
Above equations are in positive logic, i.e., a variable is
true when asserted.
A single PALCE16V8 will perform the arbitration func-
tion for a repeater based on several bIMR devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com