công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C981JC bảng dữ liệu(PDF) 22 Page - Advanced Micro Devices

tên linh kiện AM79C981JC
Giải thích chi tiết về linh kiện  Integrated Multiport Repeater Plus??(IMR??
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C981JC bảng dữ liệu(HTML) 22 Page - Advanced Micro Devices

Back Button AM79C981JC Datasheet HTML 18Page - Advanced Micro Devices AM79C981JC Datasheet HTML 19Page - Advanced Micro Devices AM79C981JC Datasheet HTML 20Page - Advanced Micro Devices AM79C981JC Datasheet HTML 21Page - Advanced Micro Devices AM79C981JC Datasheet HTML 22Page - Advanced Micro Devices AM79C981JC Datasheet HTML 23Page - Advanced Micro Devices AM79C981JC Datasheet HTML 24Page - Advanced Micro Devices AM79C981JC Datasheet HTML 25Page - Advanced Micro Devices AM79C981JC Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
AMD
PRELIMINARY
1–92
Am79C981
Loopback Test Mode
The IMR+ chip can be programmed to enter Loopback
Mode on all network ports. This is accomplished by first
driving the TEST pin HIGH, then clocking (using the
SCLK pin) a minimum of three 0s into the SI pin. This
causes the IMR+ chip to loop all received data on each
port back to each port’s corresponding transmit outputs.
Specifically, the AUI DI input is passed unaltered to the
AUI DO output, and each RXD input on the twisted pair
ports is passed (unaltered) to the respective TXD and
TXP outputs. Only receive data that passes the required
amplitude squelch criteria is looped back to the transmit
outputs. Note that the data is looped back unaltered,
meaning that no signal retiming or regeneration takes
place. Therefore, any signal distortion present on the re-
ceive data paths will be retransmitted.
In Minimum Mode, the Loopback Test Mode cannot be
accessed. The IMR+ device will return to normal opera-
tion when the TEST pin is again driven LOW.
TEST
SI
SCLK
17306B-11
Figure 6. Programming the IMR+ Device for Loopback Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40