công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C973VCW bảng dữ liệu(PDF) 282 Page - Advanced Micro Devices

tên linh kiện AM79C973VCW
Giải thích chi tiết về linh kiện  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW bảng dữ liệu(HTML) 282 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 278Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 279Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 280Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 281Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 282Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 283Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 284Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 285Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 286Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 304 page
background image
282
Am79C973/Am79C975
P R E L I M INARY
Switching Waveforms: Receive Frame Tag
Figure 87. Receive Frame Tag Timing with Media Independent Interface
RX_CLK
RXD[3:0]
RX_DV
EAR
Preamble
SFBD
SFD
DA
DA
DA
RXFRTGE
tEAD14
RXFRTGD
tEAD15
tEAD16
tEAD17
21510C-87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More