công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C973VCW bảng dữ liệu(PDF) 23 Page - Advanced Micro Devices

tên linh kiện AM79C973VCW
Giải thích chi tiết về linh kiện  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW bảng dữ liệu(HTML) 23 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 19Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 20Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 21Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 22Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 23Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 24Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 25Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 26Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 304 page
background image
Am79C973/Am79C975
23
P R E L I M INARY
PIN DESIGNATIONS (PQL176) (Am79C973/Am79C975)
Listed By Pin Number
Note: For the Am79C973 controller, pins 106, 108, and 110 are no connects (NC).
Pin
No.
Pin
Name
Pin
No.
Pin
Name
Pin
No.
Pin
Name
Pin No.
Pin
Name
1NC
45
NC
89
NC
133
NC
2NC
46
NC
90
NC
134
NC
3
IDSEL
47
AD8
91
EBDA14/CRS
135
EEDI/LED0
4
AD23
48
C/BE0
92
EBDA15/COL
136
VSSB
5
VSSB
49
VSSB
93
EBD7/TX_CLK
137
XCLK/XTAL
6
AD22
50
AD7
94
VSSB
138
VDDB
7
VDD_PCI
51
VDD_PCI
95
EBD6/RX_ER
139
LED2/MIIRXFRTGE
8
AD21
52
AD6
96
EBD5/RX_CLK
140
EESK/LED1/SFDB
9
AD20
53
AD5
97
EBD4/RX_DV
141
VSSB
10
VDD
54
VDD
98
VDDB
142
EECS
11
AD19
55
AD4
99
EBD3/RXD3
143
EAR
12
AD18
56
AD3
100
VSS
144
VSS
13
VSSB
57
VSSB
101
EBD2/RXD2
145
PME
14
AD17
58
AD2
102
EBD1/RXD1
146
WUMI
15
VDD_PCI
59
VDD_PCI
103
EBD0/RXD0
147
RWU
16
AD16
60
AD1
104
VAUXDET
148
TCK
17
C/BE2
61
AD0
105
VSSB
149
TMS
18
VSS
62
VSS
106
MIRQ (see Note)
150
VDDB
19
FRAME
63
EROMCS
107
VDD
151
TDO
20
IRDY
64
EBWE
108
MDATA (see Note)
152
VSSB
21
VSSB
65
AS_EBOE
109
VSSB
153
TDI
22
TRDY
66
EBCLK
110
MCLOCK (see Note)
154
VDD
23
VDD_PCI
67
EBUA_EBA0
111
VDDB
155
PG
24
DEVSEL
68
VSSB
112
XTAL2
156
INTA
25
STOP
69
EBUA_EBA1
113
XTAL1
157
RST
26
VDD
70
VDD
114
DVDDCO
158
CLK
27
PERR
71
VDDB
115
DVDDA
159
GNT
28
SERR
72
EBUA_EBA2
116
DVSSD
160
REQ
29
VSSB
73
EBUA_EBA3
117
IREF
161
VDD_PCI
30
PAR
74
EBUA_EBA4
118
DVDDD
162
AD31
31
VDD_PCI
75
EBUA_EBA5/MDC
119
TX+
163
VSSB
32
C/BE1
76
EBUA_EBA6/
PHY_RST
120
DVDDTX
164
VSS
33
AD15
77
EBUA_EBA7/TX_ER
121
TX-
165
AD30
34
VSS
78
VSS
122
SDI+
166
AD29
35
AD14
79
EBDA8/TXD0
123
DVSSX
167
AD28
36
AD13
80
VSSB
124
SDI-
168
AD27
37
VSSB
81
EBDA9/TXD1
125
RX+
169
VDD_PCI
38
AD12
82
EBDA10/TXD2
126
DVDDRX
170
AD26
39
AD11
83
VDDB
127
RX-
171
VSSB
40
VDD_PCI
84
EBDA11/TXD3
128
DVDDP
172
AD25
41
AD10
85
EBDA12/TX_EN
129
DVSSP
173
AD24
42
AD9
86
EBDA13/MDIO
130
EEDO/LED3/
MIIRXFRTGD
174
C/BE3
43
NC
87
NC
131
NC
175
NC
44
NC
88
NC
132
NC
176
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More