công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C973VCW bảng dữ liệu(PDF) 193 Page - Advanced Micro Devices

tên linh kiện AM79C973VCW
Giải thích chi tiết về linh kiện  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW bảng dữ liệu(HTML) 193 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 189Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 190Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 191Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 192Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 193Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 194Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 195Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 196Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 197Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 304 page
background image
Am79C973/Am79C975
193
P R E L I M INARY
Table 39. Am79C973/Am79C975 Internal PHY
Management Register Set
Register
Address
(in Decimal)
Register Name
Basic/
Extended
0
PHY Control
B
1PHY Status
B
2-3
PHY Identifier
E
4
Auto-Negotiation
Advertisement
E
5
Auto-Negotiation Link
Partner Ability
E
6
Auto-Negotiation
Expansion
E
7
Auto-Negotiation Next
Page
E
8-15
Reserved
E
16
Interrupt Enable and
Status
E
17
PHY Control/Status
E
18
Descrambler Resynch.
Timer
E
19
PHY Management
Extension
E
20-23
Reserved
E
24
Summary Status
E
25-31
Reserved
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More