| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM79C976 bảng dữ liệu(PDF) 302 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C976 bảng dữ liệu(HTML) 302 Page - Advanced Micro Devices |
|
302 / 309 page ![]() INDEX-3 Am79C976 8/01/00 P R E L I M INARY CSR112 Missed Frame Count . . . . . . . . . . . . . . . .193 CSR113 Reserved . . . . . . . . . . . . . . . . . . . . . . . . . .193 CSR114 Receive Collision Count . . . . . . . . . . . . .193 CSR116 OnNow Power Mode Register . . . . . . . . .194 CSR117-121 Reserved . . . . . . . . . . . . . . . . . . . . . . . . . .195 CSR12 Physical Address Register 0 . . . . . . . . . .184 CSR122 Advanced Feature Control . . . . . . . . . . . .195 CSR123 Reserved . . . . . . . . . . . . . . . . . . . . . . . . . .195 CSR124 Test Register 1 . . . . . . . . . . . . . . . . . . . . .195 CSR125 MAC Enhanced Configuration Control . .196 CSR13 Physical Address Register 1 . . . . . . . . . .185 CSR14 Physical Address Register 2 . . . . . . . . . .185 CSR15 Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . .185 CSR16-23 Reserved Locations . . . . . . . . . . . . . . . . .186 CSR2 Initialization Block Address 1 . . . . . . . . .175 CSR24 Base Address of Receive Ring Lower . . .187 CSR25 Base Address of Receive Ring Upper . . .187 CSR26-29 Reserved . . . . . . . . . . . . . . . . . . . . . . . . . .187 CSR3 Interrupt Masks and Deferral Control . . .175 CSR30 Base Address of Transmit Ring Lower . .187 CSR31 Base Address of Transmit Ring Upper . .187 CSR32-46 Reserved . . . . . . . . . . . . . . . . . . . . . . . . . .188 CSR4 Test and Features Control . . . . . . . . . . . .177 CSR47 Transmit Polling Interval . . . . . . . . . . . . .188 CSR48 Receive Poll Time Counter . . . . . . . . . . . 188 CSR49 Receive Polling Interval . . . . . . . . . . . . . 188 CSR5 Extended Control and Interrupt 1 . . . . . . 179 CSR50-57 Reserved . . . . . . . . . . . . . . . . . . . . . . . . . 189 CSR58 Software Style . . . . . . . . . . . . . . . . . . . . . 189 CSR59-75 Reserved . . . . . . . . . . . . . . . . . . . . . . . . . 191 CSR6 RX/TX Descriptor Table Length . . . . . . . 181 CSR7 Extended Control and Interrupt 2 . . . . . . 181 CSR76 Receive Ring Length . . . . . . . . . . . . . . . . 191 CSR77 Reserved . . . . . . . . . . . . . . . . . . . . . . . . . 191 CSR78 Transmit Ring Length . . . . . . . . . . . . . . . 191 CSR79 Reserved . . . . . . . . . . . . . . . . . . . . . . . . . 191 CSR8 Logical Address Filter 0 . . . . . . . . . . . . . 184 CSR80 DMA Transfer Counter and FIFO Threshold Control . . . . . . . . . . . . . 191, 193 CSR81-87 Reserved . . . . . . . . . . . . . . . . . . . . . . . . . 193 CSR88 Chip ID Register Lower . . . . . . . . . . . . . . 193 CSR89 Chip ID Register Upper . . . . . . . . . . . . . . 193 CSR9 Logical Address Filter 1 1 . . . . . . . . . . . . 84 CSR90-99 Reserved . . . . . . . . . . . . . . . . . . . . . . . . . 193 CTRL0 Control0 Register . . . . . . . . . . . . . . . . . . . 139 CTRL1 Control1 Register . . . . . . . . . . . . . . . . . . . 140 CTRL2 Control2 Register . . . . . . . . . . . . . . . . . . . 143 CTRL3 Control3 Register . . . . . . . . . . . . . . . . . . . 144 Cycle Frame . . . . . . . . . . . . . . . . . . . . . . . . . 24 |