| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM79C976 bảng dữ liệu(PDF) 295 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C976 bảng dữ liệu(HTML) 295 Page - Advanced Micro Devices |
|
295 / 309 page ![]() 8/01/00 Am79C976 A-10 P R E L I M INARY )LJXUH$ /$33 %XIIHU*URXSLQJIRU7ZR,QWHUUXSW0HWKRG Descriptor #1 Descriptor #2 Descriptor #3 Descriptor #4 Descriptor #5 Descriptor #6 Descriptor #7 Descriptor #8 Descriptor #9 OWN = 1 STP = 1 SIZE = HEADER_SIZE (minimum 64 bytes) OWN = 1 STP = 0 SIZE = S1+S2+S3+S4 OWN = 0 STP = 0 SIZE = 1518 - (S1+S2+S3+S4+HEADER_SIZE) OWN = 1 STP = 1 SIZE = HEADER_SIZE (minimum 64 bytes) OWN = 1 STP = 0 SIZE = S1+S2+S3+S4 OWN = 0 STP = 0 SIZE = 1518 - (S1+S2+S3+S4+HEADER_SIZE) OWN = 1 STP = 1 SIZE = HEADER_SIZE (minimum 64 bytes) OWN = 1 STP = 0 SIZE = S1+S2+S3+S4 OWN = 0 STP = 0 SIZE = 1518 - (S1+S2+S3+S4+HEADER_SIZE) A = Expected message size in bytes S1 = Interrupt latency S2 = Application call latency S3 = Time needed for driver to write to third descriptor S4 = Time needed for driver to copy data from buffer #1 to application buffer space S6 = Time needed for driver to copy data from buffer #2 to application buffer space Note that the times needed for tasks S1, S2, S3, S4, and S6 should be divided by 0.8 microseconds to yield an equivalent number of network byte times before subtracting these quantities from the expected message size A. D-4 |