| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM79C973KCW bảng dữ liệu(PDF) 35 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C973KCW bảng dữ liệu(HTML) 35 Page - Advanced Micro Devices |
|
35 / 304 page ![]() Am79C973/Am79C975 35 P R E L I M INARY group error. TX_ER is unused and is reserved for future use and will always be driven to a logical zero. Note: The TX_ER pin is multiplexed with the EBUA_EBA7 pin. COL Collision Input COL is an input that indicates that a collision has been detected on the network medium. Note: The COL pin is multiplexed with the EBDA15 pin. CRS Carrier Sense Input CRS is an input that indicates that a non-idle medium, due either to transmit or receive activity, has been de- tected. Note: The CRS pin is multiplexed with the EBDA14 pin. RX_ER Receive Error Input RX_ER is an input that indicates that the MII trans- ceiver device has detected a coding error in the receive frame currently being transferred on the RXD[3:0] pins. When RX_ER is asserted while RX_DV is asserted, a CRC error will be indicated in the receive descriptor for the incoming receive frame. RX_ER is ignored while RX_DV is deasserted. Special code groups generated on RXD while RX_DV is deasserted are ignored (e.g., Bad SSD in TX and IDLE in T4). RX_ER transitions are synchronous to RX_CLK rising edges. Note: The RX_ER pin is multiplexed with the EBD6 pin. MDC Management Data Clock Output MDC is a non-continuous clock output that provides a timing reference for bits on the MDIO pin. During MII management port operations, MDC runs at a nominal frequency of 2.5 MHz. When no management opera- tions are in progress, MDC is driven LOW. The MDC is derived from the Time Base Clock. If the MII port is not selected, the MDC pin can be left floating. Note: The MDC pin is multiplexed with the EBUA_EBD5 pin. MDIO Management Data I/O Input/Output MDIO is the bidirectional MII management port data pin. MDIO is an output during the header portion of the management frame transfers and during the data por- tions of write transfers. MDIO is an input during the data portions of read data transfers. When an operation is not in progress on the management port, MDIO is not dr ive n. M DIO transitions from the Am79C9 73/ Am79C975 controller are synchronous to MDC falling edges. If the PHY is attached through an MII physical connec- tor, then the MDIO pin should be externally pulled down to VSS with a 10-k Ω ±5% resistor. If the PHY is on board, then the MDIO pin should be externally pulled up to VCC with a 10-k Ω ±5% resistor. Note: The MDIO pin is multiplexed with the EBDA13 pin. PHY_RST Physical Layer Reset Output PHY_RST is an output pin that is used to reset an ex- ternal PHY. This output eliminates the need for a fan out buffer for the PCI RST signal, provides polarity for the specific external PHY used, and prevents the reset- ting of the external PHY when the PG input is LOW. The output polarity is determined by RST_POL bit (CSR 116, bit 0). Note: The PHY_RST pin is multiplexed with the EBUA_EBA6 pin. RX_CLK Receive Clock Input RX_CLK is a clock input that provides the timing refer- ence for the transfer of the RX_DV, RXD[3:0], and RX_ER signals into the Am79C973/Am79C975 device. RX_CLK must provide a nibble rate clock (25% of the network data rate). Hence, when the Am79C973/ Am79C975 device is operating at 10 Mbps, it provides an RX_CLK frequency of 2.5 MHz, and at 100 Mbps it provides an RX_CLK frequency of 25 MHz. Note: The RX_CLK pin is multiplexed with the EBD5 pin. RXD[3:0] Receive Data Input RXD[3:0] is the nibble-wide MII-compatible receive data bus. Data on RXD[3:0] is sampled on every rising edge of RX_CLK while RX_DV is asserted. RXD[3:0] is ignored while RX_DV is de-asserted. Note: The RXD[3:0] pin is multiplexed with the EBD[3:0] pins. RX_DV Receive Data Valid Input RX_DV is an input used to indicate that valid received data is being presented on the RXD[3:0] pins and RX_CLK is synchronous to the receive data. In order for a frame to be fully received by the Am79C973/ Am79C975 device, RX_DV must be asserted prior to the RX_CLK rising edge, when the first nibble of the |