| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29LL800BT-200SIB bảng dữ liệu(PDF) 6 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LL800BT-200SIB bảng dữ liệu(HTML) 6 Page - Advanced Micro Devices |
|
6 / 40 page ![]() 6 Am29LL800B ADV ANCE I N FO RMAT I O N ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combi- nation) is formed by a combination of the elements below. Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. DEVICE NUMBER/DESCRIPTION Am29LL800B 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS Flash Memory 2.2 Volt-only Read, Program, and Erase C E -150 Am29LL800B T OPTIONAL PROCESSING Blank = Standard Processing B = Burn-in (Contact an AMD representative for more information) TEMPERATURE RANGE C= Commercial (0°C to +70°C) I = Industrial (–40°C to +85°C) PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) F = 48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048) S = 44-Pin Small Outline Package (SO 044) SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top Sector B = Bottom Sector Valid Combinations Am29LL800BT-150, Am29LL800BB-150 EC, EI, FC, FI, SC, SI Am29LL800BT-200, Am29LL800BB-200 |