công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29F040B-120FE bảng dữ liệu(PDF) 4 Page - Advanced Micro Devices

tên linh kiện AM29F040B-120FE
Giải thích chi tiết về linh kiện  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040B-120FE bảng dữ liệu(HTML) 4 Page - Advanced Micro Devices

  AM29F040B-120FE Datasheet HTML 1Page - Advanced Micro Devices AM29F040B-120FE Datasheet HTML 2Page - Advanced Micro Devices AM29F040B-120FE Datasheet HTML 3Page - Advanced Micro Devices AM29F040B-120FE Datasheet HTML 4Page - Advanced Micro Devices AM29F040B-120FE Datasheet HTML 5Page - Advanced Micro Devices AM29F040B-120FE Datasheet HTML 6Page - Advanced Micro Devices AM29F040B-120FE Datasheet HTML 7Page - Advanced Micro Devices AM29F040B-120FE Datasheet HTML 8Page - Advanced Micro Devices AM29F040B-120FE Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
Am29F040B
PRODUCT SELECTOR GUIDE
Note: See the “AC Characteristics” section for more information.
BLOCK DIAGRAM
Family Part Number
Am29F040B
Speed Option
VCC = 5.0 V ± 5%
-55
VCC = 5.0 V ± 10%
-70
-90
-120
-150
Max access time, ns (tACC)
55
70
90
120
150
Max CE# access time, ns (tCE)
55
70
90
120
150
Max OE# access time, ns (tOE)
25
303550
55
Erase Voltage
Generator
Y-Gating
Cell Matrix
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
WE#
CE#
OE#
A0–A18
STB
STB
DQ0–DQ7
VCC
VSS
Data Latch
Input/Output
Buffers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35