| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM79C970A bảng dữ liệu(PDF) 194 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C970A bảng dữ liệu(HTML) 194 Page - Advanced Micro Devices |
|
194 / 219 page ![]() AMD P R E L I M I N A R Y 194 Am79C970A SWITCHING WAVEFORMS: GPSI Transmit Clock (STDCLK) Transmit Data (TXDAT) Transmit Enable (TXEN) Carrier Present (RXCRS) (Note 1) Collision (CLSN) (Note 2) (First Bit Preamble) tGPT1 tGPT2 tGPT3 tGPT3 tGPT3 tGPT7 tGPT8 tGPT9 tGPT6 tGPT5 (Last Bit) Notes: 1. If RXCRS is not present during transmission, LCAR bit in TMD2 will be set. 2. If CLSN is not present during or shortly after transmission, CERR in CSR0 will be set. tGPT4 19436A-73 Transmit Timing Receive Clock (SRDCLK) (First Bit Preamble) (Address Type Designation Bit) (Last Bit) tGPR1 tGPR2 tGPR3 tGPR4 tGPR5 tGPR5 tGPR6 tGPR7 tGPR8 tGPR9 tGPR10 tGPR11 tGPR12 (No Collision) Receive Data (RXDAT) Carrier Present (RXCRS) Collision (CLSN), Active Collision (CLSN), Inactive tGPR4 19436A-74 Receive Timing |