công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C32A bảng dữ liệu(PDF) 65 Page - Advanced Micro Devices

tên linh kiện AM79C32A
Giải thích chi tiết về linh kiện  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32A bảng dữ liệu(HTML) 65 Page - Advanced Micro Devices

Back Button AM79C32A Datasheet HTML 61Page - Advanced Micro Devices AM79C32A Datasheet HTML 62Page - Advanced Micro Devices AM79C32A Datasheet HTML 63Page - Advanced Micro Devices AM79C32A Datasheet HTML 64Page - Advanced Micro Devices AM79C32A Datasheet HTML 65Page - Advanced Micro Devices AM79C32A Datasheet HTML 66Page - Advanced Micro Devices AM79C32A Datasheet HTML 67Page - Advanced Micro Devices AM79C32A Datasheet HTML 68Page - Advanced Micro Devices AM79C32A Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 101 page
background image
Am79C30A/32A Data Sheet
65
APPLICATIONS
ISDN Feature Phone
This basic feature phone is the ISDN equivalent to the
common analog phone. The keypad can be a simple
four-by-four single-pole switch-matrix or a larger-matrix
to provide full-key system features. The display option
illustrated in Figure 14 can be included in any of theap-
plications shown in this section.
ISDN Feature Phone with Parallel and Serial Data
Ports Plus Other Peripherals
Access to the CCITT R reference interface is provided
via both the serial and parallel ports in Figure 15. This
application may easily have voice capability added by
using a DSC circuit in place of the IDC circuit. Figure 16
illustrates applications with increased B-channel data
processing requirements.
Am79C30A DSC Circuit
Audio
Processor
Telephone
Speaker
PP
B-Channel
MUX
LIU
OSC
MPI
D-Channel
DLC
Surge
Protection
S/T
Interface
Hook Switch
MCLK
RAM
ROM
Interrupt
Microcontroller
Power Reversal Interrupt
5V
Power
Controller
LCD Display
Keypad
09893H-10
Figure 14.
ISDN Telephone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More