| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ256GA bảng dữ liệu(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ256GA bảng dữ liệu(HTML) 21 Page - Microchip Technology |
|
21 / 330 page ![]() 2010 Microchip Technology Inc. DS39905E-page 21 PIC24FJ256GA110 FAMILY RG0 — 75 90 I/O ST PORTG Digital I/O. RG1 — 74 89 I/O ST RG2 37 47 57 I/O ST RG3 36 46 56 I/O ST RG6 4 6 10 I/O ST RG7 5 7 11 I/O ST RG8 6 8 12 I/O ST RG9 8 10 14 I/O ST RG12 — — 96 I/O ST RG13 — — 97 I/O ST RG14 — — 95 I/O ST RG15 — — 1 I/O ST RP0 16 20 25 I/O ST Remappable Peripheral (input or output). RP1 15 19 24 I/O ST RP2 42 54 68 I/O ST RP3 44 56 70 I/O ST RP4 43 55 69 I/O ST RP5 — 38 48 I/O ST RP6 17 21 26 I/O ST RP7 18 22 27 I/O ST RP8 21 27 32 I/O ST RP9 22 28 33 I/O ST RP10 31 39 49 I/O ST RP11 46 58 72 I/O ST RP12 45 57 71 I/O ST RP13 14 18 23 I/O ST RP14 29 35 43 I/O ST RP15 — 43 53 I/O ST RP16 33 41 51 I/O ST RP17 32 40 50 I/O ST RP18 11 15 20 I/O ST RP19 6 8 12 I/O ST RP20 53 67 82 I/O ST RP21 4 6 10 I/O ST RP22 51 63 78 I/O ST RP23 50 62 77 I/O ST RP24 49 61 76 I/O ST RP25 52 66 81 I/O ST RP26 5 7 11 I/O ST RP27 8 10 14 I/O ST RP28 12 16 21 I/O ST RP29 30 36 44 I/O ST RP30 34 42 52 I/O ST RP31 — — 39 I/O ST TABLE 1-4: PIC24FJ256GA110 FAMILY PINOUT DESCRIPTIONS (CONTINUED) Function Pin Number I/O Input Buffer Description 64-Pin TQFP, QFN 80-Pin TQFP 100-Pin TQFP Legend: TTL = TTL input buffer ST = Schmitt Trigger input buffer ANA = Analog level input/output I2C™ = I2C/SMBus input buffer |