công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29F400BT-55SC bảng dữ liệu(PDF) 29 Page - Advanced Micro Devices

tên linh kiện AM29F400BT-55SC
Giải thích chi tiết về linh kiện  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400BT-55SC bảng dữ liệu(HTML) 29 Page - Advanced Micro Devices

Back Button AM29F400BT-55SC Datasheet HTML 25Page - Advanced Micro Devices AM29F400BT-55SC Datasheet HTML 26Page - Advanced Micro Devices AM29F400BT-55SC Datasheet HTML 27Page - Advanced Micro Devices AM29F400BT-55SC Datasheet HTML 28Page - Advanced Micro Devices AM29F400BT-55SC Datasheet HTML 29Page - Advanced Micro Devices AM29F400BT-55SC Datasheet HTML 30Page - Advanced Micro Devices AM29F400BT-55SC Datasheet HTML 31Page - Advanced Micro Devices AM29F400BT-55SC Datasheet HTML 32Page - Advanced Micro Devices AM29F400BT-55SC Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Am29F400B
29
PR ELIMIN A R Y
AC CHARACTERISTICS
OE#
CE#
Addresses
VCC
WE#
Data
2AAh
SA
tGHWL
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
In
Progress
Complete
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
RY/BY#
tRB
tBUSY
Notes:
1. SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see “Write Operation Status”).
2. Illustration shows device in word mode.
21505C-18
Figure 14.
Chip/Sector Erase Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37