| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EE-SX912-C1J-R bảng dữ liệu(PDF) 2 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
EE-SX912-C1J-R bảng dữ liệu(HTML) 2 Page - Omron Electronics LLC |
|
2 / 9 page ![]() EE-SX91 2 Ordering Information List of Models Models with Robot Cables Accessories (Order Separately) Connector with Robot Cable Appearance Sensing method Sensing distance Output configura- tion Indicator mode Connecting method (Cable length) Model NPN output PNP output Standard Through- beam type (with slot) Light-ON Dark-ON (2 outputs) Lit when light is incident Pre-wired models (1 m) EE-SX910-R 1M EE-SX910P-R 1M Models with connectors (0.3 m) EE-SX910-C1J-R 0.3M EE-SX910P-C1J-R 0.3M L-shaped Pre-wired models (1 m) EE-SX911-R 1M EE-SX911P-R 1M Models with connectors (0.3 m) EE-SX911-C1J-R 0.3M EE-SX911P-C1J-R 0.3M F-shaped Pre-wired models (1 m) EE-SX912-R 1M EE-SX912P-R 1M Models with connectors (0.3 m) EE-SX912-C1J-R 0.3M EE-SX912P-C1J-R 0.3M R-shaped Pre-wired models (1 m) EE-SX913-R 1M EE-SX913P-R 1M Models with connectors (0.3 m) EE-SX913-C1J-R 0.3M EE-SX913P-C1J-R 0.3M U-shaped Pre-wired models (1 m) E-SX914-R 1M EE-SX914P-R 1M Models with connectors (0.3 m) EE-SX914-C1J-R 0.3M EE-SX914P-C1J-R 0.3M Type Cable length Model Remarks Connector with Cable 2 m EE-1016-R Connector with lock, AWG26, 4-core Robot Cable Infrared light 5 mm (slot width) |