| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EEVFK1K331M bảng dữ liệu(PDF) 4 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
EEVFK1K331M bảng dữ liệu(HTML) 4 Page - Panasonic Semiconductor |
|
4 / 4 page ![]() Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ FK – EEE-44 – ■ Endurace 5000 h Products W.V. Cap. (±20 %) Case size Specification Part No. (RoHS:compliant) Reflow Min. Packaging Q'ty Dia. Length Size Code Ripple Current (100 kHz) (+105 °C) Impedance (100 kHz) (+20 °C) tan δ (120 Hz) (+20 °C) Taping (V) (µF) (mm) (mm) (mA r.m.s.) ( )(pcs) 6.3 470 8 10.2 F 600 0.16 0.26 EEEFK0J471GP (2) 500 1000 8 10.2 F 600 0.16 0.26 EEEFK0J102GP (2) 500 1500 10 10.2 G 850 0.08 0.26 EEEFK0J152GP (2) 500 10 330 8 10.2 F 600 0.16 0.19 EEEFK1A331GP (2) 500 470 8 10.2 F 600 0.16 0.19 EEEFK1A471GP (2) 500 680 8 10.2 F 600 0.16 0.19 EEEFK1A681GP (2) 500 1000 10 10.2 G 850 0.08 0.19 EEEFK1A102GP (2) 500 16 330 8 10.2 F 600 0.16 0.16 EEEFK1C331GP (2) 500 470 8 10.2 F 600 0.16 0.16 EEEFK1C471GP (2) 500 680 10 10.2 G 850 0.08 0.16 EEEFK1C681GP (2) 500 25 150 8 10.2 F 600 0.16 0.14 EEEFK1E151GP (2) 500 220 8 10.2 F 600 0.16 0.14 EEEFK1E221GP (2) 500 330 8 10.2 F 600 0.16 0.14 EEEFK1E331GP (2) 500 470 10 10.2 G 850 0.08 0.14 EEEFK1E471GP (2) 500 35 100 8 10.2 F 600 0.16 0.12 EEEFK1V101GP (2) 500 150 8 10.2 F 600 0.16 0.12 EEEFK1V151GP (2) 500 220 8 10.2 F 600 0.16 0.12 EEEFK1V221GP (2) 500 330 10 10.2 G 850 0.08 0.12 EEEFK1V331GP (2) 500 50 100 8 10.2 F 350 0.34 0.10 EEEFK1H101GP (2) 500 150 10 10.2 G 6700.18 0.10 EEEFK1H151GP (2) 500 220 10 10.2 G 6700.18 0.10 EEEFK1H221GP (2) 500 · Please refer to the page of “Reflow Profile” and “The Taping Dimensions”. · When requesting vibration-proof product, please put the last “V” instead to “P” Endurance : 105 °C 5000 h ■ Standard Products W.V. Cap. (±20 %) Case size Specification Part No. (RoHS:compliant) Reflow Min. Packaging Q'ty Dia. Length ✽Size Code Ripple Current (100 kHz) (+105 °C) Impedance (100 kHz) (+20 °C) tan δ (120 Hz) (+20 °C) Taping (V) (µF) (mm) (mm) (mA r.m.s.) ( )(pcs) 100 22 8 10.2 F 1301.30 0.07 EEEFK2A220P (2) 500 33 10 10.2 G 200 0.70 0.07 EEEFK2A330P (2) 500 47 12.5 13.5 H13 500 0.32 0.07 EEVFK2A470Q (3) 200 68 12.5 13.5 H13 500 0.32 0.07 EEVFK2A680Q (3) 200 100 16 16.5 J16 793 0.17 0.07 EEVFK2A101M (3) 125 150 16 16.5 J16 793 0.17 0.07 EEVFK2A151M (3) 125 220 18 16.5 K16 917 0.153 0.07 EEVFK2A221M (3) 125 330 18 16.5 K16 917 0.153 0.07 EEVFK2A331M (3) 125 Endurance : 105 °C 2000 h ( > φ12.5 : 5000 h) ✽ Size code( ):Miniaturization product · Please refer to the page of “Reflow Profile” and “The Taping Dimensions”. 00 Nov. 2012 |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |