công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29LV008B bảng dữ liệu(PDF) 36 Page - Advanced Micro Devices

tên linh kiện AM29LV008B
Giải thích chi tiết về linh kiện  8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV008B bảng dữ liệu(HTML) 36 Page - Advanced Micro Devices

Back Button AM29LV008B Datasheet HTML 30Page - Advanced Micro Devices AM29LV008B Datasheet HTML 31Page - Advanced Micro Devices AM29LV008B Datasheet HTML 32Page - Advanced Micro Devices AM29LV008B Datasheet HTML 33Page - Advanced Micro Devices AM29LV008B Datasheet HTML 34Page - Advanced Micro Devices AM29LV008B Datasheet HTML 35Page - Advanced Micro Devices AM29LV008B Datasheet HTML 36Page - Advanced Micro Devices AM29LV008B Datasheet HTML 37Page - Advanced Micro Devices AM29LV008B Datasheet HTML 38Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
36
Am29LV008B
P R E L I M I NARY
PHYSICAL DIMENSIONS*
TS 040—40-Pin Standard TSOP (measured in millimeters)
* For reference only. BSC is an ANSI standard for Basic Space Centering.
18.30
18.50
19.80
20.20
40
20
Pin 1 I.D.
21
1
0.50 BSC
9.90
10.10
0.95
1.05
0.05
0.15
1.20
MAX
0.50
0.70
0˚
5˚
16-038-TSOP-1_AE
TS 040
2-27-97 lv
0.10
0.21
0.08
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38