| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ECEC1EP682BA bảng dữ liệu(PDF) 8 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECEC1EP682BA bảng dữ liệu(HTML) 8 Page - Panasonic Semiconductor |
|
8 / 9 page ![]() Aluminum Electrolytic Capacitors TS-UP Standard Ratings (continued) Cap. (µF) 120Hz 10kHz~ 120Hz 20kHz 68 22 x 25 0.76 1.06 2.438 0.853 25 x 20 0.35 0.49 2.926 1.024 82 22 x 25 0.83 1.16 2.022 0.708 100 22 x 30 0.92 1.29 1.658 0.580 25 x 25 0.92 1.29 1.658 0.580 120 22 x 35 1.02 1.43 1.382 0.553 25 x 30 1.02 1.43 1.382 0.553 150 22 x 40 1.16 1.62 1.105 0.442 25 x 30 1.16 1.62 1.105 0.442 30 x 25 1.16 1.62 1.105 0.442 180 22 x 45 1.44 2.02 0.921 0.368 25 x 35 1.44 2.02 0.921 0.368 30 x 30 1.44 2.02 0.921 0.368 220 22 x 50 1.49 2.09 0.829 0.373 25 x 40 1.49 2.09 0.829 0.373 30 x 30 1.49 2.09 0.829 0.373 270 25 x 45 1.67 2.34 0.675 0.304 30 x 35 1.67 2.34 0.675 0.304 35 x 30 1.67 2.34 0.675 0.304 330 30 x 40 1.90 2.66 0.553 0.249 35 x 35 1.90 2.66 0.553 0.249 390 30 x 45 2.13 2.98 0.468 0.210 35 x 40 2.13 2.98 0.468 0.210 470 30 x 50 2.39 3.35 0.388 0.175 35 x 45 2.39 3.35 0.388 0.175 560 35 x 50 2.69 3.77 0.326 0.147 47 22 x 20 0.25 0.35 3.527 1.235 22 x 25 0.47 0.66 3.527 1.235 68 22 x 25 0.69 0.97 2.438 0.853 25 x 20 0.35 0.49 2.926 1.024 82 22 x 25 0.83 1.16 2.022 0.708 100 22 x 30 0.92 1.29 1.658 0.580 25 x 25 0.92 1.29 1.658 0.580 30 x 20 0.47 0.66 1.989 0.696 120 22 x 35 1.02 1.43 1.382 0.484 25 x 25 1.02 1.43 1.382 0.484 150 22 x 40 1.16 1.62 1.105 0.387 25 x 30 1.16 1.62 1.105 0.387 30 x 25 1.16 1.62 1.105 0.387 35 x 20 0.60 0.84 1.326 0.464 180 22 x 45 1.44 2.02 0.921 0.322 25 x 30 1.44 2.02 0.921 0.322 25 x 35 1.44 2.02 0.921 0.322 220 22 x 50 1.49 2.09 0.754 0.264 25 x 40 1.49 2.09 0.754 0.264 30 x 30 1.49 2.09 0.754 0.264 270 25 x 45 1.67 2.34 0.675 0.236 30 x 35 1.67 2.34 0.675 0.236 35 x 30 1.67 2.34 0.675 0.236 330 30 x 40 1.90 2.66 0.553 0.193 35 x 30 1.90 2.66 0.553 0.193 35 x 35 1.90 2.66 0.553 0.193 390 30 x 45 2.13 2.98 0.468 0.164 35 x 35 2.13 2.98 0.468 0.164 35 x 40 2.13 2.98 0.468 0.164 470 35 x 40 2.39 3.35 0.388 0.136 35 x 45 2.39 3.35 0.388 0.136 560 35 x 45 2.69 3.77 0.326 0.114 35 x 50 2.69 3.77 0.326 0.114 680 35 x 50 3.00 4.20 0.268 0.094 ECOS2GP101BA ECEC2GP101BA ECOS2TP181BA ECOS2TP680BA ECOS2TP680CL ECOS2TP820BA ECEC2TP680BA ECEC2TP680CL 21 ECOS2GP101CA ECEC2GP101CA ECOS2GP101DL ECEC2GP101DL ECOS2GP121BA ECEC2TP471DA ECEC2TP471EA ECEC2TP331EA ECEC2TP391DA ECEC2TP391EA ECEC2TP271EA ECEC2TP331DA ECEC2TP271CA ECEC2TP271DA ECEC2TP181DA ECOS2TP471EA ECOS2TP561EA ECOS2TP151DA ECEC2TP221BA ECEC2TP221CA ECEC2TP221DA ECEC2TP561EA ECEC2TP151CA ECEC2TP151DA ECEC2TP181BA ECEC2TP181CA ECEC2GP151CA ECOS2GP151BA ECEC2GP151BA ECOS2TP391DA ECOS2TP391EA ECOS2TP471DA ECOS2GP121CX ECEC2GP121CX ECEC2GP121BA ECOS2TP221CA ECOS2TP221DA ECOS2GP151DA ECEC2GP151DA ECOS2TP271CA ECOS2TP271DA ECOS2TP271EA ECOS2GP151CA ECOS2TP331DA ECOS2TP331EA ECEC2GP151EL ECOS2TP181CA ECOS2TP181DA ECOS2GP181BA ECEC2GP181BA 400 VDC Working, 450 VDC Surge ECOS2GP470BL ECOS2GP470BA ECOS2GP151EL ECOS2TP221BA ECOS2GP181CX ECEC2GP181CX ECOS2GP181CA ECEC2GP181CA ECOS2TP151CA ECOS2GP820BA ECOS2GP221BA ECEC2GP221BA Panasonic Part Number (By Terminal Length) D x L 6.3mm Length Terminal 4.0mm Length Terminal ECOS2TP151BA ECEC2GP221CA ECOS2GP221DA ECEC2GP221DA ECOS2GP271CA ECEC2GP271CA ECOS2GP680BA ECOS2GP271DA ECEC2GP271DA ECEC2GP271EA ECOS2GP331DA ECEC2GP331DA ECOS2GP221CA ECEC2GP331EX ECOS2GP271EA ECEC2GP331EA ECOS2GP331EX ECOS2GP391EA ECEC2GP391EA ECOS2GP471EX ECEC2GP471EX ECOS2GP391DA ECEC2GP391DA ECOS2GP391EX ECEC2GP391EX ECOS2GP331EA Max 85°C R.C. (Arms) 20°C ESR (Ω, max.) Part numbers shown with 2 pins Size (mm) ECOS2GP471EA ECEC2GP471EA ECOS2GP561EA ECEC2GP561EA ECOS2GP681EX ECEC2GP681EX ECOS2GP561EX ECEC2GP561EX 385 VDC Working, 435 VDC Surge ECEC2TP820BA ECOS2TP121BA ECOS2TP121CA ECOS2TP101BA ECOS2TP101CA ECEC2TP101BA ECEC2TP101CA ECEC2GP470BL ECEC2GP470BA ECEC2TP151BA ECEC2TP121BA ECEC2TP121CA ECEC2GP680BA ECEC2GP680CL ECEC2GP820BA ECOS2GP680CL |