| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29F080B-75EI bảng dữ liệu(PDF) 12 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F080B-75EI bảng dữ liệu(HTML) 12 Page - Advanced Micro Devices |
|
12 / 37 page ![]() 12 Am29F080B P R E L I M I NARY COMMAND DEFINITIONS Writing specific address and data commands or se- quences into the command register initiates device op- erations. The Command Definitions table defines the valid register command sequences. Writing incorrect address and data values or writing them in the im- proper sequence resets the device to reading array data. All addresses are latched on the falling edge of WE# or CE#, whichever happens later. All data is latched on the rising edge of WE# or CE#, whichever happens first. Refer to the appropriate timing diagrams in the “AC Characteristics” section. Reading Array Data The device is automatically set to reading array data after device power-up. No commands are required to retrieve data. The device is also ready to read array data after completing an Embedded Program or Em- bedded Erase algorithm. After the device accepts an Erase Suspend command, the device enters the Erase Suspend mode. The sys- tem can read array data using the standard read tim- ings, except that if it reads at an address within erase- suspended sectors, the device outputs status data. After completing a programming operation in the Erase Suspend mode, the system may once again read array data with the same exception. See “Erase Suspend/ Erase Resume Commands” for more information on this mode. The system must issue the reset command to re-en- able the device for reading array data if DQ5 goes high, or while in the autoselect mode. See the “Reset Com- mand” section, next. See also “Requirements for Reading Array Data” in the “Device Bus Operations” section for more information. The Read Operations table provides the read parame- ters, and Read Operation Timings diagram shows the timing diagram. Reset Command Writing the reset command to the device resets the de- vice to reading array data. Address bits are don’t care for this command. The reset command may be written between the se- quence cycles in an erase command sequence before erasing begins. This resets the device to reading array data. Once erasure begins, however, the device ig- nores reset commands until the operation is complete. The reset command may be written between the se- quence cycles in a program command sequence be- fore programming begins. This resets the device to reading array data (also applies to programming in Erase Suspend mode). Once programming begins, however, the device ignores reset commands until the operation is complete. The reset command may be written between the se- quence cycles in an autoselect command sequence. Once in the autoselect mode, the reset command must be written to return to reading array data (also applies to autoselect during Erase Suspend). If DQ5 goes high during a program or erase operation, writing the reset command returns the device to read- ing array data (also applies during Erase Suspend). Autoselect Command Sequence The autoselect command sequence allows the host system to access the manufacturer and devices codes, and determine whether or not a sector is protected. The Command Definitions table shows the address and data requirements. This method is an alternative to that shown in the Autoselect Codes (High Voltage Method) table, which is intended for PROM program- mers and requires VID on address bit A9. The autoselect command sequence is initiated by writing two unlock cycles, followed by the autoselect command. The device then enters the autoselect mode, and the system may read at any address any number of times, without initiating another command sequence. A read cycle at address XX00h retrieves the manufac- turer code. A read cycle at address XX01h returns the device code. A read cycle containing a sector address (SA) and the address 02h in returns 01h if that sector is protected, or 00h if it is unprotected. Refer to the Sector Address tables for valid sector addresses. The system must write the reset command to exit the autoselect mode and return to reading array data. Byte Program Command Sequence Programming is a four-bus-cycle operation. The pro- gram command sequence is initiated by writing two un- lock write cycles, followed by the program set-up command. The program address and data are written next, which in turn initiate the Embedded Program al- gorithm. The system is not required to provide further controls or timings. The device automatically provides internally generated program pulses and verify the pro- grammed cell margin. The Command Definitions take shows the address and data requirements for the byte program command sequence. When the Embedded Program algorithm is complete, the device then returns to reading array data and ad- dresses are no longer latched. The system can deter- mine the status of the program operation by using DQ7, DQ6, or RY/BY#. See “Write Operation Status” for in- formation on these status bits. |