| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29F100B-70FC bảng dữ liệu(PDF) 12 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F100B-70FC bảng dữ liệu(HTML) 12 Page - Advanced Micro Devices |
|
12 / 36 page ![]() 12 Am29F100 Autoselect Command Sequence The autoselect command sequence allows the host system to access the manufacturer and devices codes, and determine whether or not a sector is protected. The Command Definitions table shows the address and data requirements. This method is an alternative to that shown in the Autoselect Codes (High Voltage Method) table, which is intended for PROM program- mers and requires VID on address bit A9. The autoselect command sequence is initiated by writing two unlock cycles, followed by the autoselect command. The device then enters the autoselect mode, and the system may read at any address any number of times, without initiating another command sequence. A read cycle at address XX00h or retrieves the manu- facturer code. A read cycle at address XX01h in word mode (or 02h in byte mode) returns the device code. A read cycle containing a sector address (SA) and the address 02h in word mode (or 04h in byte mode) re- turns 01h if that sector is protected, or 00h if it is un- protected. Refer to the Sector Address tables for valid sector addresses. The system must write the reset command to exit the autoselect mode and return to reading array data. Word/Byte Program Command Sequence The system may program the device by byte or word, on depending on the state of the BYTE# pin. Program- ming is a four-bus-cycle operation. The program com- mand sequence is initiated by writing two unlock write cycles, followed by the program set-up command. The program address and data are written next, which in turn initiate the Embedded Program algorithm. The system is not required to provide further controls or tim- ings. The device automatically provides internally gen- erated program pulses and verify the programmed cell margin. The Command Definitions take shows the ad- dress and data requirements for the byte program com- mand sequence. When the Embedded Program algorithm is complete, the device then returns to reading array data and ad- dresses are no longer latched. The system can deter- mine the status of the program operation by using DQ7, DQ6, or RY/BY#. See “Write Operation Status” for information on these status bits. Any commands written to the device during the Em- bedded Program Algorithm are ignored. Note that a hardware reset immediately terminates the program- ming operation. The program command sequence should be reinitiated once the device has reset to read- ing array data, to ensure data integrity. Programming is allowed in any sequence and across sector boundaries. A bit cannot be programmed from a “0” back to a “1”. Attempting to do so may halt the operation and set DQ5 to “1”, or cause the Data# Polling algorithm to indicate the operation was suc- cessful. However, a succeeding read will show that the data is still “0”. Only erase operations can convert a “0” to a “1”. Note: See the appropriate Command Definitions table for program command sequence. Figure 2. Program Operation START Write Program Command Sequence Data Poll from System Verify Data? No Yes Last Address? No Yes Programming Completed Increment Address Embedded Program algorithm in progress 18926C-7 |