| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29F040-120JC bảng dữ liệu(PDF) 28 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F040-120JC bảng dữ liệu(HTML) 28 Page - Advanced Micro Devices |
|
28 / 33 page ![]() 28 Am29F040 ERASE AND PROGRAMMING PERFORMANCE Notes: 1. 25 °C, 5 V V CC, 100,000 cycles. 2. Under worst case condition of 90 °C, 4.5 V V CC, 100,000 cycles. 3. System-level overhead is defined as the time required to execute the four bus cycle command necessary to program each byte. In the preprogramming step of the Embedded Erase algorithm, all bytes are programmed to 00H before erasure. 4. The Embedded Algorithms allow for 1.8 ms byte program time. DQ5 = “1" only after a byte takes the theoretical maximum time to program. A minimal number of bytes may require significantly more programming pulses than the typical byte. The majority of the bytes will program within one or two pulses (7 to 14 µs).This is demonstrated by the Typical and Maximum Programming Times listed above. LATCHUP CHARACTERISTICS Includes all pins except VCC. Test conditions: VCC = 5.0 V, one pin at a time. LCC PIN CAPACITANCE Notes: 1. Sampled, not 100% tested. 2. Test conditions TA = 25°C, f = 1.0 MHz. TSOP PIN CAPACITANCE Notes: 1. Sampled, not 100% tested. 2. Test conditions TA = 25°C, f = 1.0 MHz. Parameter Typ Max Unit Comments Sector Erase Time 1.0 (Note 1) 8 sec Excludes 00H programming prior to erasure Chip Erase Time 8 (Note 1) 64 sec Excludes 00H programming prior to erasure Byte Programming Time 7 (Note 1) 300 (Note 2) µs Excludes system-level overhead (Note 3) Chip Programming Time 3.6 (Note 1) 10.8 (Notes 2, 4) sec Excludes system-level overhead (Note 3) Min Max Input Voltage with respect to VSS on all I/O pins –1.0 V VCC + 1.0 V VCC Current –100 mA +100 mA Parameter Symbol Parameter Description Test Setup Typ Max Unit CIN Input Capacitance VIN = 0 6 7.5 pF COUT Output Capacitance VOUT = 0 8.5 12 pF CIN2 Control Pin Capacitance VIN = 0 7.5 9 pF Parameter Symbol Parameter Description Test Setup Typ Max Unit CIN Input Capacitance VIN = 0 6 7.5 pF COUT Output Capacitance VOUT = 0 8.5 12 pF CIN2 Control Pin Capacitance VIN = 0 7.5 9 pF |