| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ECJ2FC2D151 bảng dữ liệu(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECJ2FC2D151 bảng dữ liệu(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 4 page ![]() Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Multilayer Ceramic Capacitors(100V, 200V Series) – EC33 – Temperature Characteristic Code Temperature Characteristics Temp. Coeff. (ppm/°C) Rate of Capacitance change at each Temp. (%) –25 °C 85 °C max. min. max. min. CCH 0 ± 60 0.49 –0.27 0.39 –0.39 ■ Temperature Characteristics ● Class 1 ● Class 2 Temperature Characteristic Code Temperature Characteristics Capacitance Change Measurement Temperature Range Reference Temperature B B±10 % –25 to 85 °C 20 °C X7R ±15 % –55 to 125 °C 25 °C ■ Rated Voltage Code 2A 2D Rated Voltage DC 100 V DC 200 V ■ Nominal Capacitance Ex. 100 101104 105 Nominal Capacitance 10 pF 100 pF 100,000 pF (0.1 µF) 1,000,000 pF (1.0 µF) Class Temperature Characteristics Tolerance Code Capacitance Tolerance 1CH Capacitance range C=10 pF D±0.5 pF C>10 pF J±5 % K±10 % 2B, X7R K±10 % M±20 % ■ Capacitance tolerance ■ Specifications and Testing Methods Item Specifications Test Method Class 1 Class 2 Operating Temperature Range –55 to 125 °C ——— Dielectric Withstanding Voltage No dielectric breakdown and/or damage Test voltage: Class 1: Rated voltage 300 % Class 2: Rated voltage 250 % Duration: 1 to 5 s Charge/discharge current: 50 mA max. Insulation Resistance (IR) 10000 M or 500/C (M ) Whichever is less C: Nominal Cap. in µF Measuring voltage: Rated voltage Duration: 60±5 s Charge/discharge current: 50 mA max. Capacitance Within the specified tolerance Measuring temperature: 20±2 °C Class 1 Nominal capacitance C < 1000 pF C > 1000 pF Measuring frequency 1 MHz±10 % 1 kHz±10 % Measuring voltage0.5 to 5 Vrms 0.5 to 5 Vrms Class 2 Preconditioning: The capacitors shall be kept in temperature of 150 +0/–10 °C for 1 hour and subjected to standard conditions✽ for 48±4 hours before initial measurement. Nominal capacitance C <1 µF Measuring frequency 1 kHz±10 % Measuring voltage1.0±0.2 Vrms Q Factor or Dissipation Factor (tan δ) Q: C < 30 pF: Q >400+20 C 30 pF <C<1000 pF: Q >1000 tan δ: C > 1000 pF: tan δ<0.002 C: Nominal Cap. in pF tan δ:0.025 max. ✽ Standard condition: Temperature 15 to 35 °C, Relative humidity 45 to 75 %. For further information, see the technical specifications. Note: Temperature coefficient: calculated between 20 °C to 85 °C For applicable “temperature characteristics”, see the lists of standard products on page 34 to 35. 00 Sep. 2008 |