công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9860BSTZ bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD9860BSTZ
Giải thích chi tiết về linh kiện  Mixed-Signal Front-End (MxFE) Processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9860BSTZ bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD9860BSTZ Datasheet HTML 1Page - Analog Devices AD9860BSTZ Datasheet HTML 2Page - Analog Devices AD9860BSTZ Datasheet HTML 3Page - Analog Devices AD9860BSTZ Datasheet HTML 4Page - Analog Devices AD9860BSTZ Datasheet HTML 5Page - Analog Devices AD9860BSTZ Datasheet HTML 6Page - Analog Devices AD9860BSTZ Datasheet HTML 7Page - Analog Devices AD9860BSTZ Datasheet HTML 8Page - Analog Devices AD9860BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
REV. 0
AD9860/AD9862
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD9860/AD9862 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Power Supply (VAS, VDS) . . . . . . . . . . . . . . . . . . . . . . . . . 3.9 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 5 mA
Digital Inputs . . . . . . . . . . . . . . . . –0.3 V to DRVDD + 0.3 V
Analog Inputs . . . . . . . . . . . . . . –0.3 V to AVDD (IQ) + 0.3 V
Operating Temperature
2
. . . . . . . . . . . . . . . . . –40 C to +70 C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 150 C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65 C to +150 C
Lead Temperature (Soldering 10 sec) . . . . . . . . . . . . . . 300 C
NOTES
1Absolute maximum ratings are limiting values, to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional operability
under any of these conditions is not necessarily implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect device
reliability.
2The AD9860/AD9862 have been characterized to operate over the industrial
temperature range (–40 C to +85 C) when operated in Half Duplex Mode.
EXPLANATION OF TEST LEVELS
I.
Devices are 100% production tested at 25ºC and guaranteed
by design and characterization testing for the extended
industrial temperature range (–40ºC to +70ºC).
II.
Parameter is guaranteed by design and/or characterization
testing.
III. Parameter is a typical value only.
NA. Test level definition is not applicable.
THERMAL CHARACTERISTICS
Thermal Resistance
128-Lead LQFP JA = 29ºC/W
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9860BST
–40
∞C to +70∞C*
128-Lead Low Profile Plastic Quad Flatpack (LQFP)
ST-128B
AD9862BST
–40
∞C to +70∞C*
128-Lead Low Profile Plastic Quad Flatpack (LQFP)
ST-128B
AD9860PCB
Evaluation Board with AD9860
AD9862PCB
Evaluation Board with AD9862
*The AD9860/AD9862 have been characterized to operate over the industrial temperature range (–40 C to +85 C) when operated in Half Duplex Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com