| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9549 bảng dữ liệu(PDF) 58 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9549 bảng dữ liệu(HTML) 58 Page - Analog Devices |
|
58 / 76 page ![]() AD9549 Rev. D | Page 58 of 76 Register 0x0115—FTW Estimate (Read Only) Table 41. Bit Bit Name Description [7:0] FTW estimate This frequency estimate is from the frequency estimator circuit and is informational only. It is useful for verifying the input reference frequency. See the Frequency Estimator section for a description. Register 0x0116—FTW Estimate (Read Only) (Continued) Table 42. Bit Bit Name Description [15:8] FTW estimate This frequency estimate is from the frequency estimator circuit and is informational only. It is useful for verifying the input reference frequency. See the Frequency Estimator section for a description. Register 0x0117—FTW Estimate (Read Only) (Continued) Table 43. Bit Bit Name Description [23:16] FTW estimate This frequency estimate is from the frequency estimator circuit and is informational only. It is useful for verifying the input reference frequency. See the Frequency Estimator section for a description. Register 0x0118—FTW Estimate (Read Only) (Continued) Table 44. Bit Bit Name Description [31:24] FTW estimate This frequency estimate is from the frequency estimator circuit and is informational only. It is useful for verifying the input reference frequency. See the Frequency Estimator section for a description. Register 0x0119—FTW Estimate (Read Only) (Continued) Table 45. Bit Bit Name Description [39:32] FTW estimate This frequency estimate is from the frequency estimator circuit and is informational only. It is useful for verifying the input reference frequency. See the Frequency Estimator section for a description. Register 0x011A—FTW Estimate (Read Only) (Continued) Table 46. Bit Bit Name Description [47:40] FTW estimate This frequency estimate is from the frequency estimator circuit and is informational only. It is useful for verifying the input reference frequency. See the Frequency Estimator section for a description. |