| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9549ABCPZ bảng dữ liệu(PDF) 68 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9549ABCPZ bảng dữ liệu(HTML) 68 Page - Analog Devices |
|
68 / 76 page ![]() AD9549 Rev. D | Page 68 of 76 Register 0x031E—Loss of Reference Table 98. Bits Bit Name Description [7:0] REFA LOR divider See the Loss of Reference section. Register 0x031F—Loss of Reference (Continued) Table 99. Bits Bit Name Description [15:8] REFA LOR divider See the Loss of Reference section. Register 0x0320—Loss of Reference (Continued) Table 100. Bits Bit Name Description [7:0] REFB LOR divider See the Loss of Reference section. Register 0x0321—Loss of Reference (Continued) Table 101. Bits Bit Name Description [15:8] REFB LOR divider See the Loss of Reference section. Register 0x0322—Reference Out Of Limits (OOL) Table 102. Bits Bit Name Description [7:0] REFA OOL divider See the Reference Frequency Monitor section. R0322 is the LSB, and R0323 is the MSB. Register 0x0323—Reference Out Of Limits (OOL) (Continued) Table 103. Bits Bit Name Description [15:8] REFA OOL divider See the Reference Frequency Monitor section. R0322 is the LSB, and R0323 is the MSB. Register 0x0324—Reference OOL (Continued) Table 104. Bits Bit Name Description [7:0] REFA OOL upper limit See the Reference Frequency Monitor section. Register 0x0325—Reference OOL (Continued) Table 105. Bits Bit Name Description [15:8] REFA OOL upper limit See the Reference Frequency Monitor section. Register 0x0326—Reference OOL (Continued) Table 106. Bits Bit Name Description [23:16] REFA OOL upper limit See the Reference Frequency Monitor section. Register 0x0327—Reference OOL (Continued) Table 107. Bits Bit Name Description [31:24] REFA OOL upper limit See the Reference Frequency Monitor section. |