công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9361BBCZ bảng dữ liệu(PDF) 34 Page - Analog Devices

tên linh kiện AD9361BBCZ
Giải thích chi tiết về linh kiện  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ bảng dữ liệu(HTML) 34 Page - Analog Devices

Back Button AD9361BBCZ Datasheet HTML 28Page - Analog Devices AD9361BBCZ Datasheet HTML 29Page - Analog Devices AD9361BBCZ Datasheet HTML 30Page - Analog Devices AD9361BBCZ Datasheet HTML 31Page - Analog Devices AD9361BBCZ Datasheet HTML 32Page - Analog Devices AD9361BBCZ Datasheet HTML 33Page - Analog Devices AD9361BBCZ Datasheet HTML 34Page - Analog Devices AD9361BBCZ Datasheet HTML 35Page - Analog Devices AD9361BBCZ Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
AD9361
Data Sheet
Rev. D | Page 34 of 36
SYNTHESIZERS
RF PLLs
The AD9361 contains two identical synthesizers to generate the
required LO signals for the RF signal paths:—one for the receiver
and one for the transmitter. Phase-locked loop (PLL) synthesizers
are fractional-N designs incorporating completely integrated
voltage controlled oscillators (VCOs) and loop filters. In TDD
operation, the synthesizers turn on and off as appropriate for the
RX and TX frames. In FDD mode, the TX PLL and the RX PLL
can be activated simultaneously. These PLLs require no external
components.
BB PLL
The AD9361 also contains a baseband PLL synthesizer that is
used to generate all baseband related clock signals. These include
the ADC and DAC sampling clocks, the DATA_CLK signal (see
the Digital Data Interface section), and all data framing signals.
This PLL is programmed from 700 MHz to 1400 MHz based on
the data rate and sample rate requirements of the system.
DIGITAL DATA INTERFACE
The AD9361 data interface uses parallel data ports (P0 and P1)
to transfer data between the device and the BBP. The data ports can
be configured in either single-ended CMOS format or differential
LVDS format. Both formats can be configured in multiple
arrangements to match system requirements for data ordering and
data port connections. These arrangements include single port
data bus, dual port data bus, single data rate, double data rate,
and various combinations of data ordering to transmit data
from different channels across the bus at appropriate times.
Bus transfers are controlled using simple hardware handshake
signaling. The two ports can be operated in either bidirectional
(TDD) mode or in full duplex (FDD) mode where half the bits
are used for transmitting data and half are used for receiving data.
The interface can also be configured to use only one of the data
ports for applications that do not require high data rates and
prefer to use fewer interface pins.
DATA_CLK Signal
RX data supplies the DATA_CLK signal that the BBP can use
when receiving the data. The DATA_CLK can be set to a rate that
provides single data rate (SDR) timing where data is sampled on
each rising clock edge, or it can be set to provide double data rate
(DDR) timing where data is captured on both rising and falling
edges. This timing applies to operation using either a single port
or both ports.
FB_CLK Signal
For transmit data, the interface uses the FB_CLK signal as the
timing reference. FB_CLK allows source synchronous timing
with rising edge capture for burst control signals and either
rising edge (SDR mode) or both edge capture (DDR mode) for
transmit signal bursts. The FB_CLK signal must have the same
frequency and duty cycle as DATA_CLK.
RX_FRAME Signal
The device generates an RX_FRAME output signal whenever the
receiver outputs valid data. This signal has two modes: level
mode (RX_FRAME stays high as long as the data is valid) and
pulse mode (RX_FRAME pulses with a 50% duty cycle). Similarly,
the BBP must provide a TX_FRAME signal that indicates the
beginning of a valid data transmission with a rising edge. Similar
to the RX_FRAME, the TX_FRAME signal can remain high
throughout the burst or it can be pulsed with a 50% duty cycle.
ENABLE STATE MACHINE
The AD9361 transceiver includes an enable state machine (ENSM)
that allows real-time control over the current state of the device.
The device can be placed in several different states during normal
operation, including
•
Wait—power save, synthesizers disabled
•
Sleep—wait with all clocks/BB PLL disabled
•
TX—TX signal chain enabled
•
RX—RX signal chain enabled
•
FDD—TX and RX signal chains enabled
•
Alert—synthesizers enabled
The ENSM has two possible control methods: SPI control and
pin control.
SPI Control Mode
In SPI control mode, the ENSM is controlled asynchronously
by writing SPI registers to advance the current state to the next
state. SPI control is considered asynchronous to the DATA_CLK
because the SPI_CLK can be derived from a different clock
reference and can still function properly. The SPI control
ENSM method is recommended when real-time control of the
synthesizers is not necessary. SPI control can be used for real-
time control as long as the BBIC has the ability to perform
timed SPI writes accurately.
Pin Control Mode
In pin control mode, the enable function of the ENABLE pin
and the TXNRX pin allow real-time control of the current state.
The ENSM allows TDD or FDD operation depending on the
configuration of the corresponding SPI register. The ENABLE
and TXNRX pin control method is recommended if the BBIC
has extra control outputs that can be controlled in real time,
allowing a simple 2-wire interface to control the state of the
device. To advance the current state of the ENSM to the next
state, the enable function of the ENABLE pin can be driven by
either a pulse (edge detected internally) or a level.
When a pulse is used, it must have a minimum pulse width of
one FB_CLK cycle. In level mode, the ENABLE and TXNRX
pins are also edge detected by the AD9361 and must meet the
same minimum pulse width requirement of one FB_CLK cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com