| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LXT9785E bảng dữ liệu(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
LXT9785E bảng dữ liệu(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 244 page ![]() Page 21 Cortina Systems® LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers LXT9785/LXT9785E Datasheet 249241, Revision 12.0 04 November 2011 3.0 Pin/Ball Assignments and Signal Descriptions 3.0 Pin/Ball Assignments and Signal Descriptions 3.1 PQFP Pin Assignments The following sections show PQFP pin assignments and signal descriptions: • Section 3.1.1, PQFP Pin Assignments – RMII Configuration, on page 22 • Section 3.1.2, PQFP Pin Assignments – SMII Configuration, on page 29 • Section 3.1.3, PQFP Pin Assignments – SS-SMII Configuration, on page 36 Table 1 lists the acronyms and descriptions for signal types. Table 1 Signal Type Descriptions Acronym Description AI Analog Input AO Analog Output I Input O Output OD Open Drain Output ST Schmitt Triggered Input TS Three-State-able Output SL Slew-rate Limited Output IP Weak Internal Pull-Up ID Weak Internal Pull-Down |