| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC7106CLW bảng dữ liệu(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC7106CLW bảng dữ liệu(HTML) 18 Page - Microchip Technology |
|
18 / 34 page ![]() TC7106/A/TC7107/A DS21455D-page 18 © 2008 Microchip Technology Inc. 9.0 POWER SUPPLIES The TC7107A is designed to work from ±5V supplies. However, if a negative supply is not available, it can be generated from the clock output with two diodes, two capacitors, and an inexpensive IC (Figure 9-1). FIGURE 9-1: Generating Negative Supply From +5V. In selected applications a negative supply is not required. The conditions to use a single +5V supply are: • The input signal can be referenced to the center of the Common mode range of the converter. • The signal is less than ±1.5V. • An external reference is used. The TSC7660 DC-to-DC converter may be used to generate -5V from +5V (Figure 9-2). FIGURE 9-2: Negative Power Supply Generation with TC7660. 9.1 TC7107 Power Dissipation Reduction The TC7107A sinks the LED display current and this causes heat to build up in the IC package. If the internal voltage reference is used, the changing chip temperature can cause the display to change reading. By reducing the LED common anode voltage, the TC7107A package power dissipation is reduced. Figure 9-3 is a curve tracer display showing the relationship between output current and output voltage for a typical TC7107CPL. Since a typical LED has 1.8 volts across it at 7 mA, and its common anode is connected to +5V, the TC7107A output is at 3.2V (point A on Figure 9-3). Maximum power dissipation is 8.1 mA x 3.2V x 24 segments = 622 mW. FIGURE 9-3: TC7107 Output Current vs. Output Voltage. Notice, however, that once the TC7107A output voltage is above two volts, the LED current is essentially constant as output voltage increases. Reducing the output voltage by 0.7V (point B in Figure 9-3) results in 7.7 mA of LED current, only a 5 percent reduction. Maximum power dissipation is only 7.7 mA x 2.5V x 24 = 462 mW, a reduction of 26%. An output voltage reduction of 1 volt (point C) reduces LED current by 10% (7.3 mA) but power dissipation by 38% (7.3 mA x 2.2V x 24 = 385 mW). Reduced power dissipation is very easy to obtain. Figure 9-4 shows two ways: either a 5.1 Ω, 1/4W resistor, or a 1A diode placed in series with the display (but not in series with the TC7107A). The resistor will reduce the TC7107A output voltage, when all 24 segments are “ON,” to point “C” of Figure 9-4. When segments turn off, the output voltage will increase. The diode, on the other hand, will result in a relatively steady output voltage, around point “B”. TC7107A V+ OSC1 OSC2 OSC3 GND V- V+ CD4009 0.047 µF 1N914 1N914 10 µF – + V- = -3.3V GND V IN - V IN V REF + V REF - COM +5V LED DRIVE 36 1 35 32 31 30 26 V+ V- 21 TC7660 3 10 µF + 10 µF + 2 8 5 (-5V) TC7107A 4 V IN+ C B A 6.000 7.000 8.000 9.000 10.000 2.00 2.50 3.00 3.50 4.00 Output Voltage (V) |