| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9221-EB bảng dữ liệu(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9221-EB bảng dữ liệu(HTML) 29 Page - Analog Devices |
|
29 / 32 page ![]() REV. E AD9221/AD9223/AD9220 –29– OUTLINE DIMENSIONS 28-Lead Standard SmWall Outline Package [SOIC] Wide Body (R-28) Dimensions shown in millimeters and (inches) CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MS-013AE 0.32 (0.0126) 0.23 (0.0091) 8 0 0.75 (0.0295) 0.25 (0.0098) 45 1.27 (0.0500) 0.40 (0.0157) SEATING PLANE 0.30 (0.0118) 0.10 (0.0039) 0.51 (0.0201) 0.33 (0.0130) 2.65 (0.1043) 2.35 (0.0925) 1.27 (0.0500) BSC 28 15 14 1 18.10 (0.7126) 17.70 (0.6969) 10.65 (0.4193) 10.00 (0.3937) 7.60 (0.2992) 7.40 (0.2913) COPLANARITY 0.10 28-Lead Shrink Small Outline Package [SSOP] (RS-28) Dimensions shown in millimeters 0.25 0.09 0.95 0.75 0.55 8 4 0 0.05 MIN 1.85 1.75 1.65 2.00 MAX 0.38 0.22 SEATING PLANE 0.65 BSC 0.10 COPLANARITY 28 15 14 1 10.50 10.20 9.90 5.60 5.30 5.00 8.20 7.80 7.40 COMPLIANT TO JEDEC STANDARDS MO-150AH |