| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLA7SA08 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
TLA7SA08 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 14 page ![]() Protocol behavior can be viewed at the packet and transaction level interspersed with physical layer activity in a single innovative Transaction window. The Transaction Stitching feature shows packets participating in a completed transaction or incomplete transactions as errors in a diagrammatic representation. Additional capabilities, including color coding of the packets, cursor locking across multiple data windows, and a unique Bird's Eye view integrated with the Transaction window provides a high- ground visibility of system issues involving flow control. Transaction window with integrated Bird’s Eye view Further insight into physical layer details can be gained with the unique Listing window showing packet details and lane-by-lane symbol decode. You can also view individual lane activity correlated with analog waveforms from your high-bandwidth oscilloscope in the Waveform window. Listing window showing packet details and lane-by-lane symbol decode Waveform window showing individual lane activity correlated with analog waveform Hardware developers, hardware/software integrators, and embedded system designers will appreciate the tight integration with the Tektronix logic analyzer. This provides visibility of complete system interactions with time-correlated, multi-bus analysis on a single display. Cross triggering and a common global time stamp enables accurate and efficient debugging by showing exactly what was happening on one bus relative to another at any given instant of time. High-performance PCI Express probing solutions for different application needs The P67SA00 Series probes provide validation engineers with a comprehensive set of PCI Express probing solutions, including midbus, slot interposer, and solder-down connectors. With support for PCI Express Gen1, Gen2, and Gen3 channel lengths up to 24 in. with two connectors, these probes use OpenEYE technology offering minimal electrical loading with the highest signal fidelity and active equalization to ensure accurate data recovery of closed eyes. All P67SA00 Series probes feature a graphical lane-swizzling capability for maximum flexibility to accommodate unique circuit board layouts. Datasheet 4 www.tektronix.com |