| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
27103C bảng dữ liệu(PDF) 3 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
27103C bảng dữ liệu(HTML) 3 Page - Murata Manufacturing Co., Ltd. |
|
3 / 3 page ![]() KMP_2700C_A02 Page 3 of 3 2700 Series Surface Mount Power Inductors Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. © 2011 Murata Power Solutions, Inc. Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. ISO 9001 and 14001 REGISTERED www.murata-ps.com/support PACKAGE SPECIFICATIONS Mechanical Dimensions Tape Outline Dimensions Reel quantity: 2500 Unless otherwise stated, all dimensions in mm (inches). User direction of unreeling 16 (0.630) 7.5 (0.295) 1.75 (0.069) 12 (0.472) 4 (0.157) Ø1.5 (0.157) 22.4 (0.882) Max.† 15.9-19.4* (0.626-0.764) 16.3-16.7 (0.642-0.657)† 13.50 12.80 0.531 0.504 ØØ 1.80 (0.071) Min. 49.75 (1.96) Min. Ø21.1 (Ø0.831) Min. 100 (3.937) Min. Leader Section 400 (15.748) Min. Goods Enclosure Section Trailer Section 160 (6.299) Min. Ø331 (13.031) Max. All dimension in mm [inches] * Includes flange distortion at outer edge † Measured at hub |