| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRS-A200ST01-R1 bảng dữ liệu(PDF) 11 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
IRS-A200ST01-R1 bảng dữ liệu(HTML) 11 Page - Murata Manufacturing Co., Ltd. |
|
11 / 20 page ![]() For Reference Only 11/20 株 式 会 社 村 田 製 作 所 10.梱包・表示(Package and Marking) ・1リール1500個収納し、各リールに品番、数量、ロット番号を表示します。 ・テープは右巻き(テープ端を手前に取り出した時、送り穴が右側)とします。 ・RoHS指令に対応できている製品であり、RoHS指令に対応できている旨を包装ラベルに 「ROHS-Y<*>」と表示します。*はROHS指令の改訂によりA→B→C・・・と変更になりま す。*のアルファベットが示す対象となる法令は、別紙提出文書「有害物質の使用制限に関す る法令への対応表示」によります。 ・The tape for pyroelectric infrared sensor shall be clockwise. The feeding holes shall be to the right side as the tape is pulled toward the user. ・A reel shall contain 1,500 pcs of pyroelectric infrared sensor and its reel label shall be clearly marked with part number, quantity, and inspection number. ・The product which has ROHS-Y<*> mark on the packaging label is compliance with RoHS directives. The alphabet in blank <*> will be changed A to B, B to C, and so on with every revision of the ROHS directives. Please refer to the document, "The Marking for the directives on the restriction of the hazardous substances' use," to check the directives corresponding to alphabets in <*>. |