| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP44010HS bảng dữ liệu(PDF) 12 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP44010HS bảng dữ liệu(HTML) 12 Page - Monolithic Power Systems |
|
12 / 14 page ![]() MP44010 – BOUNDARY MODE PFC CONTROLLER MP44010 Rev. 1.11 www.MonolithicPower.com 12 10/17/2012 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2012 MPS. All Rights Reserved. Case 2: At light load, the power loss can be saved by inserting LN60A01 to disconnect the resistor of voltage divider. The implement circuit is shown in the Figure 7. At light load, the pin 9 of HR1000 is asserted low when it operates at burst mode, and the signal generated from pin 9 is applied to synchronize the ON/OFF of MP44010; it also can drive LN60A1 to connect or disconnect resistor of voltage divider at the same time. And the control signal of LN60A01 also can be external signal from MCU system. For more details, please refer to AN of MP44010. VCC MP44010 HR1000 AC input GND Vbus LN60A01 Control Signal 7 7 3 1 5 1 8 5 6 7 4 3 1 2 9 Figure 7—Power Consumption Reduction with LN60A01 |