| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7622BSTZ bảng dữ liệu(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7622BSTZ bảng dữ liệu(HTML) 6 Page - Analog Devices |
|
6 / 28 page ![]() AD7622 Rev. 0 | Page 6 of 28 1 See the Conversion Control section. 2 All timings for wideband warp mode are the same as warp mode. 3 In warp mode only, the maximum time between conversions is 1 ms; otherwise, there is no required maximum time. 4 See the Digital Interface section and the RESET section. 5 In serial interface modes, the SYNC, SCLK, and SDOUT timings are defined with a maximum load CL of 10 pF; otherwise, the load is 60 pF maximum. 6 In serial master read during convert mode. See Table 4 for serial master read after convert mode timing specifications. Table 4. Serial Clock Timings in Master Read After Convert Mode DIVSCLK[1] 0 0 1 1 DIVSCLK[0] Symbol 0 1 0 1 Unit SYNC to SCLK First Edge Delay Minimum t18 3 3 3 3 ns Internal SCLK Period Minimum t19 8 16 32 64 ns Internal SCLK Period Maximum t19 20 40 60 140 ns Internal SCLK High Minimum t20 2 8 16 32 ns Internal SCLK Low Minimum t21 2 8 16 32 ns SDOUT Valid Setup Time Minimum t22 1 5 15 5 ns SDOUT Valid Hold Time Minimum t23 0 0.5 10 28 ns SCLK Last Edge to SYNC Delay Minimum t24 0 0.5 9 26 ns BUSY High Width Maximum Warp Mode t28 0.64 0.92 1.47 2.57 μs Normal Mode t28 0.76 1.04 1.59 2.69 μs NOTE IN SERIAL INTERFACE MODES, THE SYNC, SCLK, AND SDOUT TIMING ARE DEFINED WITH A MAXIMUM LOAD CL OF 10pF; OTHERWISE, THE LOAD IS 60pF MAXIMUM. 500µA IOL 500µA IOH 1.4V TO OUTPUT PIN CL 50pF Figure 3. Load Circuit for Digital Interface Timing, SDOUT, SYNC, and SCLK Outputs, CL = 10 pF 0.8V 2V 2V 0.8V 0.8V 2V tDELAY tDELAY Figure 4. Voltage Reference Levels for Timing |