| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP28313 bảng dữ liệu(PDF) 5 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP28313 bảng dữ liệu(HTML) 5 Page - Monolithic Power Systems |
|
5 / 11 page ![]() MP28313 – 2A, 16V, 340KHz SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER MP28313 Rev. 1.5 www.MonolithicPower.com 5 9/27/2010 MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. © 2010 MPS. All Rights Reserved. TYPICAL PERFORMANCE CHARACTERISTICS VIN = 12V, VO = 3.3V, L = 10µH, C1 = 10µF, C2 = 22µF, TA = +25°C, unless otherwise noted. Startup through Enable VIN = 12V, VOUT = 3.3V IOUT = 1A (Resistance Load) Shutdown through Enable VIN = 12V, VOUT = 3.3V IOUT = 1A (Resistance Load) Light Load Operation Medium Load Operation Load Transient Steady State Test VIN = 12V, VOUT = 3.3V IOUT = 0A, IIN= 8.2mA Heavy Load Operation Short Circuit Recovery Short Circuit Protection VEN 5V/div. VOUT 2V/div. VSW 10V/div. IL 1A/div. VEN 5V/div. VOUT 2V/div. VSW 10V/div. IL 1A/div. VIN 20mV/div. VOUT 20mV/div. VSW 10V/div. IL 1A/div. VOUT 2V/div. IL 2A/div. VOUT 2V/div. IL 2A/div. VOUT 200mV/div. ILOAD 1A/div. IL 1A/div. VIN, AC 200mV/div. VO, AC 20mV/div. VSW 10V/div. IL 1A/div. VIN, AC 200mV/div. VO, AC 20mV/div. VSW 10V/div. IL 1A/div. VIN, AC 20mV/div. VO, AC 20mV/div. VSW 10V/div. IL 1A/div. 2ms/div. 2ms/div. 2A Load 1A Load No Load MP28313-TPC01 MP28313-TPC02 MP28313-TPC03 MP28313-TPC06 MP28313-TPC05 MP28313-TPC04 MP28313-TPC07 MP28313-TPC08 MP28313-TPC09 |