| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MTSF2P02HD bảng dữ liệu(PDF) 11 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MTSF2P02HD bảng dữ liệu(HTML) 11 Page - Motorola, Inc |
|
11 / 12 page ![]() MTSF2P02HD 11 Motorola TMOS Power MOSFET Transistor Device Data TAPE & REEL INFORMATION Micro8 Dimensions are shown in millimeters (inches) FEED DIRECTION SECTION A–A NOTES: 1. CONFORMS TO EIA–481–1. 2. CONTROLLING DIMENSION: MILLIMETER. PIN NUMBER 1 NOTES: 1. CONFORMS TO EIA–481–1. 2. CONTROLLING DIMENSION: MILLIMETER. 3. INCLUDES FLANGE DISTORTION AT OUTER EDGE. 4. DIMENSION MEASURED AT INNER HUB. 12.30 4.10 (.161) 11.70 (.484) (.461) 1.85 (.072) 3.90 (.154) 2.05 (.080) 1.95 (.077) BB A A 8.10 (.318) 7.90 (.312) 5.55 (.218) 5.45 (.215) 1.65 (.065) 1.60 (.063) 1.50 (.059) 1.60 (.063) 1.50 (.059) TYP. 0.35 (.013) 0.25 (.010) 3.50 (.137) 3.30 (.130) 1.50 (.059) 1.30 (.052) SECTION B–B 5.40 (.212) 5.20 (.205) 330.0 (13.20) MAX. 50.0 (1.97) MIN. 14.4 (.57) 12.4 (.49) NOTE 4 18.4 (.724) MAX. NOTE 3 13.2 (.52) 12.8 (.50) |